Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L2000 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # L2000
Description  Single output 2000 Watt AC/DC high current power supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

L2000 Datasheet(HTML) 1 Page - Artesyn Technologies

  L2000 Datasheet HTML 1Page - Artesyn Technologies L2000 Datasheet HTML 2Page - Artesyn Technologies L2000 Datasheet HTML 3Page - Artesyn Technologies L2000 Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EMC CHARACTERISTICS
Radiated noise
EN55022/11, FCC part 15
Level A
Conducted noise
EN55022/11, FCC part 15
Level A
Electrostatic discharge
EN61000-4-2
Level 3
RF field susceptibility
EN61000-4-3
Level 3
Electrical fast
EN61000-4-4
Level 3
transients/bursts
Surge susceptibility
EN61000-4-5
Level 3
GENERAL SPECIFICATIONS
Hold-up time
230VAC, 2kW load
25ms min.
Efficiency
230VAC, full load
78%
Isolation voltage
Input/output
3000VAC
Input/chassis
1500VAC
Output/output
500VAC
Switching frequency
100kHz
Approvals and
TÜV EN60950, UL1950,
standards
CSA C22.2 No. 234/950
Weight
10kg (22Ibs)
Size
5 x 8 x 11 inches
127 x 203.2 x 279.4 mm
MTBF
>100,000 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient
0°C to +50°C
Non-operating
-15°C to +85°C
Cooling
45CFM
Internal DC
ball bearing fan
Relative humidity
Non-condensing
0% to 95% RH
Altitude
Operating
6,000 feet max.
Non-operating
55,000 feet max.
Vibration
5Hz to 500Hz
2.4G rms peak
OUTPUT SPECIFICATIONS
Voltage adjustability
Accessible at front panel
±10%
Remote sense
Open/reverse sense lead protection
Compensates for voltage drop
of up to 0.5V to the load
Regulation, line or load
All outputs, NL to FL
±0.2%; 10mV
at nominal line or all
line variations at FL
Overshoot/undershoot
None at turn on/off
Transient response
Main output
≤5.0% max. dev.,
25% step load
≤200µs recovery
change at 1A/µs
to 1.0%
Temperature coefficient
±0.02%/°C
Ripple and noise
0Hz to 20MHz
50mV pk-pk or 1.0%
Overvoltage protection
Reset by cycling AC
115% to 130%
of nominal
Overload protection
105% to 115% full load
Short circuit protection
90% of rated load
Auto recovery
Thermal protection
Auto shutdown, AC reset
Current sharing
±5.0%
50% to 100% load
Current monitor (V1)
5VDC at full load
±0.5V
INPUT SPECIFICATIONS
Input voltage range
3 phase
180 to 264VAC
1 phase (optional)
180 to 264VAC
Input frequency range
47Hz to 63Hz
Input surge current
Meets IEEE std. 587.1980;
3kV ring wave
Input current
208VAC, 3 phase
8A
208VAC, 1 phase
20A
Power factor
3 phase
0.94
1 phase
0.65
Power up time
Full load
1.0s max.
L2000 SERIES
Single output
[ 2 YEAR WARRANTY ]
• Load currents up to 400A
• 3 phase or single phase input
• Shutdown on phase loss
• 3 phase power factor correction
• Single wire current share to 5%
• Ideal for N+1 applications
• Current monitor output included
• UL, CSA, TÜV safety approvals
The L series is a range of single output, high current power supplies ideally suited
to a broad range of applications. Robust performance and field proven reliability
are hallmarks of this series. Field reliability in excess of 100,000 hours has been
documented. The L series will provide stable power for any large electronic
system including telecommunication, data processing and industrial. Typical
applications include broadcast systems, ATM systems and RISC processors and
systems. Semiconductor test equipment, semiconductor and wafer processing
equipment and functional board level testers are other possible applications.
Industrial uses include applications such as laser cutting, water purification,
battery charging, machine control, large scale data logging and optical inspection
equipment. Current sharing, built-in current monitoring, voltage margining and
remote adjustment capability are standard features. Other system interface
features include AC and DC good, OVP, OCP, over temperature protection and
remote enable. Worldwide safety certifications are included.
SPECIFICATION All specifications are typical at nominal input, full load at 25°C unless otherwise stated
PAGE 1


Similar Part No. - L2000

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
L2000C AMPHENOL-L2000C Datasheet
117Kb / 11P
PROTIMETER
L2000D AMPHENOL-L2000D Datasheet
117Kb / 11P
PROTIMETER
L2000G AMPHENOL-L2000G Datasheet
117Kb / 11P
PROTIMETER
More results

Similar Description - L2000

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
TXD2000 CANDD-TXD2000 Datasheet
202Kb / 4P
2000 WATT AC/DC POWER SUPPLY
logo
Artesyn Technologies
M3000 ARTESYN-M3000 Datasheet
62Kb / 4P
Single output 3000 and 4000 Watt AC/DC high current power supplies with PFC
N1500 ARTESYN-N1500 Datasheet
63Kb / 4P
Single, and dual output 1500 and 2000 Watt AC/DC high wattage power supplies with PFC
SCL25 ARTESYN-SCL25 Datasheet
120Kb / 2P
Single and dual output 25 Watt AC/DC external power supplies
logo
Wall Industries,Inc.
PS2K0 WALL-PS2K0 Datasheet
166Kb / 4P
2000 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply
logo
TDK Electronics
ZWS50-150BAF TDK-ZWS50-150BAF Datasheet
351Kb / 2P
Single Output, High Reliability AC-DC Power Supplies
logo
Wall Industries,Inc.
PSGKF-200 WALL-PSGKF-200 Datasheet
130Kb / 4P
Watt AC/DC Switching Power Supplies
logo
Astrodyne Corporation
PWC12 ASTRODYNE-PWC12 Datasheet
285Kb / 5P
12 Watt Single Output AC to DC Switching Power Supplies
logo
Artesyn Technologies
CPS253-M ARTESYN-CPS253-M Datasheet
2Mb / 7P
250 Watt AC-DC Power Supplies
CNS653-ME ARTESYN-CNS653-ME Datasheet
1Mb / 8P
650 Watt AC-DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com