Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMP9377-SC Datasheet(PDF) 1 Page - California Eastern Labs

Part # CMP9377-SC
Description  Dual-Band 802.11 ac Plus Bluetooth Smart Ready Solution
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

CMP9377-SC Datasheet(HTML) 1 Page - California Eastern Labs

  CMP9377-SC Datasheet HTML 1Page - California Eastern Labs CMP9377-SC Datasheet HTML 2Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Based on Qualcomm’s QCA9377, the CMP9377 is a multi-protocol connectivity
module delivering the optimal combination of high performance and low power
connectivity. The highly integrated module provides dual-band, single stream
802.11 ac plus Bluetooth v5.0. Support for high-speed Wi-Fi connectivity can
deliver enriched media experiences for a variety of connected devices while
optimized for energy efficiency to extend the usable battery life of portable
devices.
Offering advanced WLAN/Bluetooth coexistence algorithms, the
CMP9377 supports superior rate-over-range throughput and low-latency
performance in real-world RF operating conditions.
The integrated CPU manages the Wi-Fi stack to minimize resource
requirements on your host platform.
The low-level Bluetooth stack runs
onboard with a Host Control Interface (HCI) to your host platform running the
user-selected Bluetooth stack and profile combination.
Support for all
Bluetooth profiles and BLE services is integrated.
KEY FEATURES
x
802.11 a/b/g/n/ac Wave 2 MU-MIMO
o
Dual-Band Wi-Fi support (2.4 GHz / 5 GHz)
o
Integrated Coexistence Manager
o
Dedicated CPU for WLAN stack
o
20/40/80 MHz channel support
o
STBC, MU-MIMO, Transmit Beamforming
o
Pout of 20 dBm
x
Bluetooth v5.0 Smart Ready
o
Host Control Interface (HCI) for External
Bluetooth Stack
o
Supports all standard Bluetooth profiles
o
Pout of 14 dBm (Bluetooth)
o
Pout of 4 dBm (BLE)
x
Wireless Coexistence
o
Concurrent Wi-Fi and BLE/15.4
o
Per-Packet Coexistence Manager
x
HOST DRIVER SUPPORT
x
Source Code available for multiple HW/OS
reference platforms:
o
Android
o
Linux
o
Windows
x
Power Management Features
o
Single 3.3V Regulated Supply
o
Clock Gating to idle blocks
o
Voltage Scaling
o
Processor Frequency Scaling
x
Multiple WLAN Interface Options
o
SDIO (CMP9377-S)
o
USB v2.0 (CMP9377-U)
x
Bluetooth Interface Options
o
UART (CMP9377-S)
o
USB v2.0 (CMP9377-U)
x
Antenna Options
o
Integrated dual-band chip
o
Miniature coax connector for external antenna
x
Compact Form Factor
o
17 x 12 x 3 mm (antenna connector)
o
24 x 12 x 3 mm (chip antenna)
x
Certifications: FCC/IC/CE Pending
x
Platform Porting Options
o
Porting Guides available
o
Custom driver development available through
Engineering Services contract
CMP9377: Wi-Fi + BT Module
for Connected Platforms
Dual-Band 802.11 ac Plus Bluetooth Smart Ready Solution
© California Eastern Laboratories March 2019
1


Similar Part No. - CMP9377-SC

ManufacturerPart #DatasheetDescription
logo
Isabellenhütte Heu...
CMP ISABELLENHUETTE-CMP Datasheet
1Mb / 4P
Precision resistors
logo
Bourns Electronic Solut...
CMP BOURNS-CMP Datasheet
237Kb / 7P
CMP Series High Power Anti-Surge Chip Resistors
REV. 05/26/20
logo
3M Electronics
CMP 3M-CMP Datasheet
169Kb / 6P
Film Applicators for Textured Surfaces
March 2008
logo
Analog Devices
CMP-02 AD-CMP-02 Datasheet
3Mb / 7P
LOW INPUT CURRENT PRECISION COMPARATOR
CMP-02 AD-CMP-02_15 Datasheet
3Mb / 7P
LOW INPUT CURRENT PRECISION COMPARATOR
More results

Similar Description - CMP9377-SC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2564-PAN1326 TI1-CC2564-PAN1326 Datasheet
27Kb / 2P
Dual Mode Bluetooth짰 Smart Ready
CC256X TI1-CC256X Datasheet
567Kb / 47P
Bluetooth짰 Smart Ready Controller
CC2564-TIWI-UB2 TI-CC2564-TIWI-UB2 Datasheet
26Kb / 2P
Bluetooth Module that is Bluetooth Low Energy - Smart Ready from LS Research
logo
List of Unclassifed Man...
BT111 ETC2-BT111 Datasheet
1Mb / 54P
Bluetooth Smart Ready HCI Module
logo
OmniVision Technologies...
OV2775ARDS OMNIVISION-OV2775ARDS Datasheet
1Mb / 2P
ready to use camera solution
logo
Silicon Laboratories
BT121 SILABS-BT121 Datasheet
2Mb / 48P
Bluetooth Smart Ready Module
logo
Infineon Technologies A...
CYW4373 INFINEON-CYW4373 Datasheet
2Mb / 116P
Single-Chip Dual Band WiFi IEEE 802.11 a/b/g/n/ac MAC/Baseband/Radio with Integrated Bluetooth 5.0
Rev. G March 22, 2021
logo
silex technology americ...
SX-PCEAX SILEX-SX-PCEAX Datasheet
5Mb / 2P
Next Generation IEEE 802.11 abgn/ac/ax Plus Bluetooth PCIe Combo Module
REV A. 20210531
SX-SDMAC2 SILEX-SX-SDMAC2 Datasheet
2Mb / 2P
IEEE 802.11 a/b/g/n/ac Plus Bluetooth SDIO Wi-Fi Module
REV A. 20190913
logo
Silicon Laboratories
BT111 SILABS-BT111 Datasheet
2Mb / 53P
Bluetooth® Smart Ready HCI Module
Version 1.27
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com