Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB55VGQ6ATR Datasheet(PDF) 83 Page - STMicroelectronics

Part # STM32WB55VGQ6ATR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.3 and 802.15.4 radio solution
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55VGQ6ATR Datasheet(HTML) 83 Page - STMicroelectronics

Back Button STM32WB55VGQ6ATR Datasheet HTML 79Page - STMicroelectronics STM32WB55VGQ6ATR Datasheet HTML 80Page - STMicroelectronics STM32WB55VGQ6ATR Datasheet HTML 81Page - STMicroelectronics STM32WB55VGQ6ATR Datasheet HTML 82Page - STMicroelectronics STM32WB55VGQ6ATR Datasheet HTML 83Page - STMicroelectronics STM32WB55VGQ6ATR Datasheet HTML 84Page - STMicroelectronics STM32WB55VGQ6ATR Datasheet HTML 85Page - STMicroelectronics STM32WB55VGQ6ATR Datasheet HTML 86Page - STMicroelectronics STM32WB55VGQ6ATR Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 196 page
background image
DS11929 Rev 14
83/196
STM32WB55xx STM32WB35xx
Electrical characteristics
169
Figure 17. Power supply scheme (UFBGA129 and WLCSP100 packages)
1. The value of L1 depends upon the frequency, as indicated in Table 6.
2. For UFBGA129 package VDD_DCAPx and VSS_DCAPx balls are connected to VDD and VSS internally, to
simplify the 2-layer board layout and especially the ground plane below the BGA.
VDD power supply can be made with a single connection to the center of the BGA on the board bottom
layer. The decoupling 100 nF capacitors are connected without cutting the board ground plane.
3. n x 100 nF only for WLCSP package.
MS53132V2
VDD
Backup circuitry
(LSE, RTC and
backup registers)
Kernel logic
(CPU, digital
and memories
IO
logic
IN
OUT
Regulator
GPIOs
1.55 to 3.6 V
n x 100 nF +
1 x 4.7 μF
(3)
n x VSS
n x VDD
VBAT
VCORE
Power switch
VDDIO1
ADCs
OPAMPs
COMPs
VREFBUF
VREF+
VREF-
VDDA
10 nF + 1 μF
VDDA
VSSA
VREF
100 nF 1 μF
SMPS
Regulator
VDDSMPS
VLXSMPS
VFBSMPS
VSSSMPS
4.7 μF
VDD
L1
(1)
4.7 μF
SMPS
VSS_DCAPx
(2)
VDD_DCAPx
(2)
1 x 100 nF
USB
transceiver
VDDUSB
VDD
100 nF
Radio
100 nF
+ 100 pF
VDDRF
VSSRF
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com