Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB55VGQ6ATR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32WB55VGQ6ATR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.3 and 802.15.4 radio solution
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55VGQ6ATR Datasheet(HTML) 1 Page - STMicroelectronics

  STM32WB55VGQ6ATR Datasheet HTML 1Page - STMicroelectronics STM32WB55VGQ6ATR Datasheet HTML 2Page - STMicroelectronics STM32WB55VGQ6ATR Datasheet HTML 3Page - STMicroelectronics STM32WB55VGQ6ATR Datasheet HTML 4Page - STMicroelectronics STM32WB55VGQ6ATR Datasheet HTML 5Page - STMicroelectronics STM32WB55VGQ6ATR Datasheet HTML 6Page - STMicroelectronics STM32WB55VGQ6ATR Datasheet HTML 7Page - STMicroelectronics STM32WB55VGQ6ATR Datasheet HTML 8Page - STMicroelectronics STM32WB55VGQ6ATR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 196 page
background image
This is information on a product in full production.
August 2022
DS11929 Rev 14
1/196
STM32WB55xx
STM32WB35xx
Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4
with FPU, Bluetooth® 5.3 and 802.15.4 radio solution
Datasheet
- production data
Features
• Include ST state-of-the-art patented
technology
• Radio
– 2.4 GHz
– RF transceiver supporting Bluetooth® 5.3
specification, IEEE 802.15.4-2011 PHY
and MAC, supporting Thread and
Zigbee® 3.0
– RX sensitivity: -96 dBm (Bluetooth® Low
Energy at 1 Mbps), -100 dBm (802.15.4)
– Programmable output power up to +6 dBm
with 1 dB steps
– Integrated balun to reduce BOM
– Support for 2 Mbps
– Support advertising extension
– Dedicated Arm® 32-bit Cortex® M0+ CPU
for real-time Radio layer
– Accurate RSSI to enable power control
– Suitable for systems requiring compliance
with radio frequency regulations ETSI EN
300 328, EN 300 440, FCC CFR47 Part 15
and ARIB STD-T66
– Support for external PA
– Available integrated passive device (IPD)
companion chip for optimized matching
solution (MLPF-WB-01E3, or
MLPF-WB55-02E3, or MLPF-WB-02D3)
• Ultra-low-power platform
– 1.71 to 3.6 V power supply
– – 40 °C to 85 / 105 °C temperature ranges
– 13 nA shutdown mode
– 600 nA Standby mode + RTC + 32 KB
RAM
– 2.1 µA Stop mode + RTC + 256 KB RAM
– Active-mode MCU: < 53 µA / MHz when RF
and SMPS on
– Radio: Rx 4.5 mA / Tx at 0 dBm 5.2 mA
• Core: Arm® 32-bit Cortex®-M4 CPU with FPU,
adaptive real-time accelerator (ART™
Accelerator) allowing 0-wait-state execution
from flash memory, frequency up to 64 MHz,
MPU, 80 DMIPS and DSP instructions
• Performance benchmark
– 1.25 DMIPS/MHz (Drystone 2.1)
– 219.48 CoreMark® (3.43 CoreMark/MHz at
64 MHz)
• Energy benckmark
– 303 ULPMark™ CP score
• Supply and reset management
– High efficiency embedded SMPS
step-down converter with intelligent bypass
mode
– Ultra-safe, low-power BOR (brownout
reset) with five selectable thresholds
– Ultra-low-power POR/PDR
– Programmable voltage detector (PVD)
–VBAT mode with RTC and backup registers
• Clock sources
– 32 MHz crystal oscillator with integrated
trimming capacitors (Radio and CPU clock)
– 32 kHz crystal oscillator for RTC (LSE)
– Internal low-power 32 kHz (±5%) RC (LSI1)
– Internal low-power 32 kHz (stability
±500 ppm) RC (LSI2)
.
UFQFPN48
VFQFPN68
WLCSP100
0.4 mm pitch
7 x 7 mm solder pad
8 x 8 mm solder pad
UFBGA129
0.5 mm pitch
FBGA
www.st.com


Similar Part No. - STM32WB55VGQ6ATR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32WB55VGQ6ATR STMICROELECTRONICS-STM32WB55VGQ6ATR Datasheet
3Mb / 193P
Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution
November 2020 Rev 10
More results

Similar Description - STM32WB55VGQ6ATR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32WB55CC STMICROELECTRONICS-STM32WB55CC_V01 Datasheet
3Mb / 193P
Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution
November 2020 Rev 10
STM32WB10CC STMICROELECTRONICS-STM32WB10CC Datasheet
1Mb / 110P
Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.2 radio solution
June 2021
STM32WB55CC STMICROELECTRONICS-STM32WB55CC_V02 Datasheet
3Mb / 193P
Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.2 and 802.15.4 radio solution
April 2021
STM32WB15CC STMICROELECTRONICS-STM32WB15CC Datasheet
2Mb / 127P
Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.2 radio solution
August 2021
STM32WB50CG STMICROELECTRONICS-STM32WB50CG Datasheet
2Mb / 119P
Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.2 or 802.15.4 radio solution
April 2021
logo
Nuvoton Technology Corp...
M0A21 NUVOTON-M0A21 Datasheet
8Mb / 212P
Arm® Cortex®-M 32-bit Microcontroller
M480 NUVOTON-M480_V01 Datasheet
10Mb / 473P
Arm® Cortex®-M 32-bit Microcontroller
Rev 2.00
M480 NUVOTON-M480_V02 Datasheet
12Mb / 525P
NuMicro® Family Arm® 32-bit Cortex®-M4 Microcontroller
Rev 3.03
logo
Infineon Technologies A...
XMC4100 INFINEON-XMC4100_V01 Datasheet
2Mb / 93P
ARM® Cortex®-M4 32-bit processor core
V1.4 2018-09
logo
NXP Semiconductors
K22P121M120SF7 NXP-K22P121M120SF7_V01 Datasheet
1Mb / 87P
Kinetis K22F 512KB Flash 120 MHz Arm® Cortex®-M4 Based Microcontroller with FPU
Rev. 8 06/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com