Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB55VGQ6ATR Datasheet(PDF) 33 Page - STMicroelectronics

Part # STM32WB55VGQ6ATR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.3 and 802.15.4 radio solution
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55VGQ6ATR Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STM32WB55VGQ6ATR Datasheet HTML 29Page - STMicroelectronics STM32WB55VGQ6ATR Datasheet HTML 30Page - STMicroelectronics STM32WB55VGQ6ATR Datasheet HTML 31Page - STMicroelectronics STM32WB55VGQ6ATR Datasheet HTML 32Page - STMicroelectronics STM32WB55VGQ6ATR Datasheet HTML 33Page - STMicroelectronics STM32WB55VGQ6ATR Datasheet HTML 34Page - STMicroelectronics STM32WB55VGQ6ATR Datasheet HTML 35Page - STMicroelectronics STM32WB55VGQ6ATR Datasheet HTML 36Page - STMicroelectronics STM32WB55VGQ6ATR Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 196 page
background image
DS11929 Rev 14
33/196
STM32WB55xx STM32WB35xx
Functional overview
57
The system clock after wake-up is 16 MHz, derived from the HSI16. If used, the SMPS
is restarted automatically. In this mode the RF can be used.
•
Shutdown
This mode achieves the lowest power consumption. The internal regulator is switched
off so that the VCORE domain is powered off.
The RTC can remain active (Shutdown mode with RTC, Shutdown mode without RTC).
The BOR is not available in Shutdown mode. No power voltage monitoring is possible
in this mode, therefore the switch to Backup domain is not supported.
SRAM1, SRAM2a, SRAM2b and register contents are lost except for registers in the
Backup domain.
The device exits Shutdown mode when an external reset (NRST pin), a WKUP pin
event (configurable rising or falling edge), or an RTC event occurs (alarm, periodic
wake-up, timestamp, tamper).
The system clock after wake-up is 4 MHz, derived from the MSI.
In this mode the RF is no longer operational.
When the RF subsystem is active, it changes the power state according to its needs (Run,
Stop, Standby). This operation is transparent for the CPU1 host application and managed by
a dedicated HW state machine. At any given time the effective power state reached is the
higher one needed by both the CPU1 and RF sub-system.
Table 7 summarizes the peripheral features over all available modes. Wake-up capability is
detailed in gray cells.
Table 7. Features over all modes(1)
Peripheral(2)
Stop0/Stop1
Stop 2
Standby Shutdown
-
-
-
-
CPU1
Y
-
Y
-
-
--
--
--
--
CPU2
Y
-
Y
-
-
--
--
--
--
Radio system (Bluetooth
Low Energy, 802.15.4)
YY(3)
Y-
-
Y
YY
YY(4) Y(4)
Flash memory
Y (5)
YO(6) O(6)
R
-R
-R
-R
-R
SRAM1
Y
Y(7)
YY(7)
R
-R
--
--
--
SRAM2a
Y
Y(7)
YY(7)
R
-R
-R(8)
--
--
SRAM2b
Y
Y(7)
YY(7)
R
-R
--
--
--
Quad-SPI
O
O
O
O
-
--
--
--
--
Backup registers
Y
Y
Y
Y
R
-R
-R
-R
-R
Brown-out reset (BOR)
Y
Y
Y
Y
Y
YY
YY
Y-
--
Programmable voltage
detector (PVD)
O
OOO
O
OO
O-
--
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com