Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFS80 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # NFS80
Description  80-110 W AC-DC Universal Input Switch Mode Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

NFS80 Datasheet(HTML) 2 Page - Artesyn Technologies

  NFS80 Datasheet HTML 1Page - Artesyn Technologies NFS80 Datasheet HTML 2Page - Artesyn Technologies NFS80 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
N
No
otte
es
s
1
Natural convection cooling.
2
Peak output current lasting less than 60 seconds with duty cycle ≤10%.
During peak loading, outputs may exceed total regulation limits.
3
Forced air cooling, 20 CFM @ 1 atmosphere.
4
50 MHz bandwidth, peak-to-peak, measured differentially.
5
Total regulation is defined as the static output regulation at 25 °C, including
initial tolerance, line voltage within stated limits, load currents within stated
limits, and output voltages adjusted to their factory settings. Also, for
stated regulation on the +24 V output, IA / IB ≤5.
6
Pins 10 and 11 are a floating output, which can be referenced as either
positive or negative. Pin 10 is positive with respect to pin 11. Either pin 10
or 11 must be connected to return (pins 4-7) for proper operation.
7
Derating curve is application specific for ambient temperatures > 50 °C, for
optimum reliability, no part of the heatsink should exceed 110 ºC and no
semiconductor case temperature should exceed 115 ºC.
8
Caution: Allow a minimum of 1 second after disconnecting the power when
making thermal measurements.
9
Three orthogonal axes, random vibration, 10 minute test for each axis.
10 This product is only for inclusion by professional installers within other
equipment and must not be operated as a stand alone product.
11 For EMI compliance unit may need to be mounted on a metal chassis.
12 The ‘J’ suffix indicates that these parts are Pb-free (RoHS 6/6) compliant.
TSE RoHS 5/6 (non Pb-free) compliant versions may be available on
special request, please contact your local sales representative for details.
13 NOTICE: Some models do not support all options. Please contact your
local Artesyn representative or use the on-line model number search tool at
http://www.artesyn.com/powergroup/products.htm to find a suitable
alternative.
File Name: nfs80.pdf Rev (02): 08 Nov 2005
OUTPUT
OUTPUT CURRENTS
RIPPLE (4)
TOTAL
MODEL NUMBER (12,13,E)
VOLTAGE
MAX (1)
PEAK (2)
FAN (3)
REGULATION (5)
+5 V (IA)
8 A
20 A
15 A
50 mV
±2.0%
NFS80-7602J
+24 V (IB)
2 A
3 A
2.5 A
240 mV
+10.0/-5.0%
+12 V
2.5 A
6 A
3 A
120 mV
±3.0%
±12 V (6)
2.5 A
6 A
3 A
120 mV
±3.0%
+5 V (IA)
8 A
20 A
15 A
50 mV
±2.0%
NFS80-7606J
+24 V (IB)
2 A
3 A
2.5 A
240 mV
+10.0/-5.0%
+15 V
2.5 A
6 A
3 A
150 mV
±3.0%
±15 V (6)
2.5 A
6 A
3 A
150 mV
±3.0%
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
80-110 W AC-DC Universal Input Switch Mode Power Supplies
2
NFS80 Series
Quad output
Output Power (Watts)
DERATING CURVE
110W
80W
20 CFM FORCED AIR COOLING
40W
NATURAL
CONVECTION
COOLING
55W
5W
0°C 10°C
20°C
30°C
40°C
50°C
60°C
70°C
5W MINIMUM LOAD NECESSARY
International Safety Standard Approvals
VDE0805/EN60950/IEC950/IEC1010 File No. 10401-3336-0213
Licence No. 40014677
UL1950 File No. E136005
CSA C22.2 No. 950 File No. LR41062C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com