Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFS80 Datasheet(PDF) 3 Page - Artesyn Technologies

Part # NFS80
Description  80-110 W AC-DC Universal Input Switch Mode Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

NFS80 Datasheet(HTML) 3 Page - Artesyn Technologies

  NFS80 Datasheet HTML 1Page - Artesyn Technologies NFS80 Datasheet HTML 2Page - Artesyn Technologies NFS80 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Datasheet © Artesyn Technologies® 2005
The information and specifications contained in this datasheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. The information and specifications contained or described herein are subject to change in any manner at any time without notice. No rights under any patent
accompany the sale of any such product(s) or information contained herein.
www.artesyn.com
File Name: nfs80.pdf Rev (02): 08 Nov 2005
M
Me
ec
ch
ha
an
niic
ca
all N
No
otte
es
s
A
Either metallic or non-metallic stand-offs can be used in all four mounting
holes without affecting safety approval. The diameter of metal stand-offs, if
used, must not exceed 0.212 inches (5.4 mm).
B
It is always advisable to attach the power supply heat sink to another
thermal dissipator (such as a chassis, a finned heat sink, etc.) The resulting
temperature decrease of heat sink-mounted components will improve
power supply lifetime.
C The heat sink is grounded, and allows system grounding when
mechanically connected to the system chassis. Alternatively, the ground
pad encircling the mounting hole near J1, allows system grounding through
a metal stand-off to the system chassis.
D The supply must be mechanically supported using the PCB mounting holes
and may be additionally supported by the heat sink mounting holes.
E
A standard L-bracket and cover is available for mounting which contains all
screws, connectors and mounting hardware. Two different kits are
available, order part number ‘NFS110 COVER KIT’ or ‘NFS110C’.
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
80-110 W AC-DC Universal Input Switch Mode Power Supplies
3
NFS80 Series
Quad output
ALL DIMENSIONS IN INCHES (mm)
C
6-32 UNC
(4 Places)
Pin 1
1.00
±0.005
(25.4)
Voltage Adjust
J2
J1
F1
L1
C6
Pin 1
0.156 (3.962)
Dia. Hole
(4 Places)
5A, 250 VAC
0.475
±0.010
(12.07)
1.55
±0.005
(39.37)
3.35
±0.015 (85.09)
1.80 (45.72)
Max.
0.050
±0.020
(1.27)
4.250
±0.020
(107.95)
3.750
±0.005
(95.25)
0.250
±0.010
(6.35)
0.250
±0.010
(6.35)
6.50
±0.005 (165.1)
7.00
±0.020 (177.8)
T1
AC (J1) connector
Molex 09-50-3051 (with second and fourth pins removed) or Molex 09-91-
0500 mating connector with 2478 or equivalent crimp terminals.
DC (J2) connector
Molex 09-50-3131 or Molex 09-91-1300 mating connector with 2478 or
equivalent crimp terminals.
PIN CONNECTIONS
J1
NFS80-7602J
NFS80-7606J
Pin 1
AC Ground
AC Ground
Pin 2
AC Neutral
AC Neutal
Pin 3
AC Line
AC Line
J2
NFS80-7602J
NFS80-7606J
Pin 1
+5 V
+5 V
Pin 2
+5 V
+5 V
Pin 3
+5 V
+5 V
Pin 4
Return
Return
Pin 5
Return
Return
Pin 6
Return
Return
Pin 7
Return
Return
Pin 8
+12 V
+15 V
Pin 9
+12 V
+15 V
Pin 10 (6)
-12 V Return
-15 V Return
Pin 11 (6)
-12 V
-15 V
Pin 12
Removed for Key
Removed for Key
Pin 13
+24 V
+24 V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com