Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFS80 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # NFS80
Description  80-110 W AC-DC Universal Input Switch Mode Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

NFS80 Datasheet(HTML) 1 Page - Artesyn Technologies

  NFS80 Datasheet HTML 1Page - Artesyn Technologies NFS80 Datasheet HTML 2Page - Artesyn Technologies NFS80 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
80-110 W AC-DC Universal Input Switch Mode Power Supplies
1
2 YEAR WARRANTY
NFS80 Series
Quad output
• 7.0 x 4.25 x 1.8 inch package
• Overvoltage and short circuit protection
• 80 W with free air convection
• Adjustable outputs
• Isolated output
• Floating fourth output
• EN55022, EN55011 conducted emissions level B
• UL, VDE and CSA safety approvals
• Available RoHS compliant
The NFS80 series is a 80 W universal input ac-dc power supply on a 7 x 4.25
inch card. The NFS80 series has two quad output models with a very high peak
capability on the auxiliary outputs for drive and motor applications. The NFS80
provides 80 W of output power with free air convection cooling which can be
boosted to 110 W with 20 CFM of forced air. Standard features include
overvoltage and short-circuit protection. The series, with full international safety
approval and the CE mark, meets conducted emissions EN55022 level B. The
NFS80 series is designed for use in low power data networking, computer,
telecom and industrial applications such as servers, PABX's, storage devices,
vending machines and printers.
All specifications are typical at nominal input, full load at 25 °C unless otherwise stated
SPECIFICATIONS
File Name: nfs80.pdf Rev (02): 08 Nov 2005
OUTPUT SPECIFICATIONS
Output voltage
+5 V output on multi’s
±3.0%
adjustability
Vout on singles
Line regulation
Main output
±0.1% max.
LL to HL, FL
Auxiliary outputs
±0.1% max.
Total regulation
(See Note 5)
See table
Overshoot/undershoot
At turn-on
0%
Transient response
+5 V (1 A to 12 A)
±150 mV peak
1 ms recovery
Temperature coefficient
All outputs
±0.02%/°C
Overvoltage protection
+5 V output
140% Vout max.
Minimum output current
Main output
1 A
See derating curve
Auxiliary output
0 A
Output power limit
Primary power limit
160 W Pin max.
110 W Pout min.
Short circuit protection
Yes with auto recovery
INPUT SPECIFICATIONS
Input voltage range
Universal input
90-264 Vac
120-370 Vdc
Input frequency range
47-440 Hz
Input surge current
115 Vac, cold start
19 A
230 Vac, cold start
38 A
Safety ground
110 Vac, 60 Hz
0.2 mA
leakage current
230 Vac, 50 Hz
0.4 mA
EMC CHARACTERISTICS (11,C)
Conducted emissions
EN55022,FCC part 15
Level B
Radiated emissions
EN55022 FCC part 15
Level B
ESD air
EN61000-4-2, level 3
Perf. criteria 1
ESD contact
EN61000-4-2, level 4
Perf. criteria 1
EMC CHARACTERISTICS (11,C)
Surge
EN61000-4-5, level 3
Perf. criteria 1
Fast transients
EN61000-4-4, level 3
Perf. criteria 1
Radiated immunity
EN61000-4-3, level 3
Perf. criteria 1
Conducted immunity
EN61000-4-6, level 3
Perf. criteria 1
GENERAL SPECIFICATIONS
Hold-up time
110 Vac, @ 80 W
35 ms
110 Vac, @ 110 W
17 ms
230 Vac, @ 80 W
140 ms
230 Vac, @ 110 W
100 ms
Efficiency
70% typical
Isolation voltage
Input/output
3000 Vac
Input/chassis
1500 Vac
Switching frequency
20-70 kHz
Approvals and
VDE0805, EN60950, IEC950
standards
IEC1010, UL1950
(See Note 10)
CSA C22.2 No. 950
Weight
600 g (21.18 oz)
MTBF (See Note 7)
MIL-HDBK-217E @ 25 °C 250,000 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating, see curve
0 °C to +70 °C
Non-operating
–40 °C to +85 °C
50 °C to +70 °C
Derate
natural convection
2 W/°C
50 °C to +70 °C
Derate
20 CFM forced air cooling
2.75 W/°C
Relative humidity
5% to 95% RH
Altitude
Operating
10,000 feet max.
Non-operating
30,000 feet max.
Vibration (See Note 9)
5-500 Hz
2.4 G rms approx.


Similar Part No. - NFS80

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
NFS80 EMERSON-NETWORKPOWER-NFS80 Datasheet
245Kb / 4P
80 W universal input ac-dc power supply
logo
Amphenol Corporation
NFS80-7602 AMPHENOL-NFS80-7602 Datasheet
250Kb / 4P
Overvoltage and short circuit protection, Floating fourth output, Available RoHS compliant
logo
Emerson Network Power
NFS80-7602J EMERSON-NETWORKPOWER-NFS80-7602J Datasheet
245Kb / 4P
80 W universal input ac-dc power supply
logo
Artesyn Technologies
NFS80-7602 ARTESYN-NFS80-7602_13 Datasheet
250Kb / 4P
80 W with free air convection, Adjustable outputs, Available RoHS compliant
logo
Emerson Network Power
NFS80-7606J EMERSON-NETWORKPOWER-NFS80-7606J Datasheet
245Kb / 4P
80 W universal input ac-dc power supply
More results

Similar Description - NFS80

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
NFS110 ARTESYN-NFS110 Datasheet
62Kb / 3P
80-110W AC/DC Universal Input Switch Mode Power Supplies
NLP65-3300J ARTESYN-NLP65-3300J Datasheet
91Kb / 3P
33 W AC/DC Universal Input Switch Mode Power Supplies
NLP65-3334 ARTESYN-NLP65-3334 Datasheet
86Kb / 3P
50 W AC/DC Universal Input Switch Mode Power Supplies
NLP250 ARTESYN-NLP250 Datasheet
424Kb / 3P
250 W AC/DC Universal Input Switch Mode Power Supplies
NLS110-9602J ARTESYN-NLS110-9602J Datasheet
95Kb / 3P
80-110 W AC/DC Universal Input Switch Mode Power Supplies
logo
Emerson Network Power
NLP25 EMERSON-NETWORKPOWER-NLP25 Datasheet
88Kb / 3P
20-25 W AC/DC Universal Input Switch Mode Power Supplies
NLP40 EMERSON-NETWORKPOWER-NLP40 Datasheet
91Kb / 3P
40-50 W AC/DC Universal Input Switch Mode Power Supplies
NLP70 EMERSON-NETWORKPOWER-NLP70 Datasheet
89Kb / 3P
70 W AC/DC Universal Input Switch Mode Power Supplies
NLP150L EMERSON-NETWORKPOWER-NLP150L Datasheet
88Kb / 3P
110-150 W AC/DC Universal Input Switch Mode Power Supplies
NLS110-9602J EMERSON-NETWORKPOWER-NLS110-9602J Datasheet
95Kb / 3P
80-110 W AC/DC Universal Input Switch Mode Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com