Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TV050B...S4PT Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TV050B...S4PT
Description  PAR® Transient Voltage Suppressor Bare Die (50 mils x 50 mils)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TV050B...S4PT Datasheet(HTML) 1 Page - Vishay Siliconix

  TV050B...S4PT Datasheet HTML 1Page - Vishay Siliconix TV050B...S4PT Datasheet HTML 2Page - Vishay Siliconix TV050B...S4PT Datasheet HTML 3Page - Vishay Siliconix TV050B...S4PT Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TV050B...S4PT Series
www.vishay.com
Vishay General Semiconductor
Revision: 20-May-11
1
Document Number: 89220
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PAR® Transient Voltage Suppressor
Bare Die (50 mils x 50 mils)
FEATURES
• Junction
passivation
optimized
design
passivated
anisotropic rectifier technology
• 300 W (6.8 V to 9.1 V), 400 W (10 V to 43 V) peak pulse
power capability with a 10/1000 μs waveform in equivalent
package
• Unidirectional polarity only
CIRCUIT DIAGRAM
Notes
(1) Front metallization side: Cathode
(2) Back metallization side: Anode
Note
(1) Refer to Device Code definition
a
c
b
d
e
A
(2)
C
(1)
A
(2)
C
(1)
MECHANICAL DATA
DEVICE (1)
ASSEMBLY
DIMENSIONS in inches (millimeters)
TYPICAL TOTAL METAL THICKNESS
CHIP SIZE
SOLDERABLE
CHIP
THICKNESS
FRONT SIDE C
BACK SIDE A
a, b
c, d
e
METAL
THICKNESS
METAL
THICKNESS
min.
max.
min.
max.
min.
max.
TV050B...S4PT
Solderable
0.048
(1.219)
0.050
(1.270)
0.039
(0.991)
0.041
(1.041)
0.011
(0.279)
0.013
(0.330)
Ni/Au
0.75 μm
Ni/Au
0.75 μm
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
DEVICE
BREAKDOWN
VOLTAGE
VBR (1) AT IT (V)
TEST
CURRENT
IT (mA)
STAND-OFF
VOLTAGE
VWM (V)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
ID (μA)
FINISH GOOD (for reference not guarantee for bare die)
MAXIMUM
CLAMPING
VOLTAGE (2)
VC AT IPPM
OPERATING
JUNCTION
TEMPERATURE
RANGE
PACKAGE
EQUIVALENT
PRODUCT (3)
MIN.
MAX.
(V)
(A)
TV050B6P8S4PT
6.45
7.14
10
5.80
300
10.5
28.6
- 65 °C to + 185 °C
TMPG06-6.8A
TV050B7P5S4PT
7.13
7.88
10
6.40
150
11.3
26.5
- 65 °C to + 185 °C
TMPG06-7.5A
TV050B8P2S4PT
7.79
8.61
10
7.02
50
12.1
24.8
- 65 °C to + 185 °C
TMPG06-8.2A
TV050B9P1S4PT
8.65
9.55
1
7.78
10
13.4
22.4
- 65 °C to + 185 °C
TMPG06-9.1A
TV050B010S4PT
9.5
10.5
1
8.55
5
14.5
27.6
- 65 °C to + 185 °C
TMPG06-10A
TV050B011S4PT
10.5
11.6
1
9.4
2
15.6
25.6
- 65 °C to + 185 °C
TMPG06-11A
TV050B012S4PT
11.4
12.6
1
10.2
1
16.7
24.0
- 65 °C to + 185 °C
TMPG06-12A
TV050B013S4PT
12.4
13.7
1
11.1
1
18.2
22.0
- 65 °C to + 185 °C
TMPG06-13A
TV050B015S4PT
14.3
15.8
1
12.8
1
21.2
18.9
- 65 °C to + 185 °C
TMPG06-15A
TV050B016S4PT
15.2
16.8
1
13.6
1
22.5
17.8
- 65 °C to + 185 °C
TMPG06-16A
TV050B018S4PT
17.1
18.9
1
15.3
1
25.5
15.9
- 65 °C to + 185 °C
TMPG06-18A
TV050B020S4PT
19.0
21.0
1
17.0
1
27.7
14.4
- 65 °C to + 185 °C
TMPG06-20A
TV050B022S4PT
20.9
23.1
1
18.8
1
30.6
13.1
- 65 °C to + 185 °C
TMPG06-22A
TV050B024S4PT
22.8
25.2
1
20.5
1
33.2
12.0
- 65 °C to + 185 °C
TMPG06-24A
TV050B027S4PT
25.7
28.4
1
23.1
1
37.5
10.7
- 65 °C to + 185 °C
TMPG06-27A


Similar Part No. - TV050B...S4PT

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
TV0505CB-50R0JN-95-01 BARRY-TV0505CB-50R0JN-95-01 Datasheet
232Kb / 1P
DC-10GHz 5W BeO Chip Termination
TV0505CB-50R0JN-95-01TR BARRY-TV0505CB-50R0JN-95-01TR Datasheet
232Kb / 1P
DC-10GHz 5W BeO Chip Termination
TV0505CB-50R0JN-95-01WP BARRY-TV0505CB-50R0JN-95-01WP Datasheet
232Kb / 1P
DC-10GHz 5W BeO Chip Termination
TV0505GA-50R0JN-91 BARRY-TV0505GA-50R0JN-91 Datasheet
114Kb / 1P
ALUMINA
06/17/09
TV0505HA-50R0GN-95-01 BARRY-TV0505HA-50R0GN-95-01 Datasheet
86Kb / 1P
BeO
Rev.B 05/25/11
More results

Similar Description - TV050B...S4PT

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SC105 IRF-SC105 Datasheet
99Kb / 5P
SCHOTTKY DIE 105 x 125 mils
SC070R015A5B IRF-SC070R015A5B Datasheet
215Kb / 5P
SCHOTTKY DIE 70 X 92 MILS
logo
Vishay Siliconix
SM5S24AHE3-2D VISHAY-SM5S24AHE3-2D Datasheet
87Kb / 5P
Surface Mount PAR® Transient Voltage Suppressors
14-Sep-11
TPSMB30AHE3-5BT VISHAY-TPSMB30AHE3-5BT Datasheet
90Kb / 5P
Surface Mount PAR® Transient Voltage Suppressors
05-Oct-12
SM8A27T VISHAY-SM8A27T Datasheet
96Kb / 5P
Surface Mount PAR® Transient Voltage Suppressors
24-Mar-15
SM8S10AT VISHAY-SM8S10AT_V01 Datasheet
123Kb / 5P
Surface Mount PAR® Transient Voltage Suppressors
26-Oct-2021
TPSMA43A VISHAY-TPSMA43A_V01 Datasheet
96Kb / 5P
Surface-Mount PAR® Transient Voltage Suppressors
19-Apr-2021
TPSMB43A VISHAY-TPSMB43A_V01 Datasheet
99Kb / 5P
Surface-Mount PAR® Transient Voltage Suppressors
19-Apr-2021
TMPG06-43A VISHAY-TMPG06-43A_V01 Datasheet
81Kb / 5P
PAR® Transient Voltage Suppressors
17-Sep-2021
TV210L027S6PV VISHAY-TV210L027S6PV Datasheet
76Kb / 3P
PAR® Transient Voltage Suppressor Bare Die
20-May-11
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com