Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TV050B...S4PT Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TV050B...S4PT
Description  PAR® Transient Voltage Suppressor Bare Die (50 mils x 50 mils)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TV050B...S4PT Datasheet(HTML) 3 Page - Vishay Siliconix

  TV050B...S4PT Datasheet HTML 1Page - Vishay Siliconix TV050B...S4PT Datasheet HTML 2Page - Vishay Siliconix TV050B...S4PT Datasheet HTML 3Page - Vishay Siliconix TV050B...S4PT Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TV050B...S4PT Series
www.vishay.com
Vishay General Semiconductor
Revision: 20-May-11
3
Document Number: 89220
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DEVICE CODE
Notes
(4) Packaged die
• Existing die in qualified package
(5) Non packaged die
• Existing fab. process
• Non standard die metal
• Die metal has been qualified
• No production in packaged form
5
1
3
2
4
6
7
8
TV
050
B
6P8
S
4
P
T
1
-
Transient Voltage Suppressor
2
-
Die dimensions in mils
3
-
Patented PAR TVS
4
-
Breakdown voltage (VBR)
5
-
Chip surface metallization (see Mechanical Data table)
6
-
Wafer diameter in inches
7
-
Quality level code
8
-
Packaging (see Packaging table)
A = Bondable
S = Solderable
4 = 4" wafer
6 = 6" wafer
P = Packaged die, high reliability grade (1)
O = Packaged die, commercial grade (1)
N = Non packaged die (2)
B = Named as breakdown voltage (VBR)
T = Named as stand-off voltage (VWM)
L = Load dump rectifier



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com