Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TV050B...S4PT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TV050B...S4PT
Description  PAR® Transient Voltage Suppressor Bare Die (50 mils x 50 mils)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TV050B...S4PT Datasheet(HTML) 2 Page - Vishay Siliconix

  TV050B...S4PT Datasheet HTML 1Page - Vishay Siliconix TV050B...S4PT Datasheet HTML 2Page - Vishay Siliconix TV050B...S4PT Datasheet HTML 3Page - Vishay Siliconix TV050B...S4PT Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TV050B...S4PT Series
www.vishay.com
Vishay General Semiconductor
Revision: 20-May-11
2
Document Number: 89220
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: tp  50 ms
(2) Non-repetitive current pulse, per fig. 1
(3) Package equivalent product quality level information will provide per customer request but only for reference no guarantee bare die can meet
the same
CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Fig. 1 - Pulse Waveform
TV050B030S4PT
28.5
31.5
1
25.6
1
41.4
9.7
- 65 °C to + 185 °C
TMPG06-30A
TV050B033S4PT
31.4
34.7
1
28.2
1
45.7
8.8
- 65 °C to + 185 °C
TMPG06-33A
TV050B036S4PT
34.2
37.8
1
30.8
1
49.9
8.0
- 65 °C to + 185 °C
TMPG06-36A
TV050B039S4PT
37.1
41.0
1
33.3
1
53.9
7.4
- 65 °C to + 185 °C
TMPG06-39A
TV050B043S4PT
40.9
45.2
1
36.8
1
59.3
6.7
- 65 °C to + 185 °C
TMPG06-43A
PACKAGING
DEVICE
PACKAGE CODE
DELIVERY MODE
BASE QUANTITY
TV050B...S4PT
T
12 mm tape/4 mm pitch, 7" diameter plastic tape and reel
6000
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
DEVICE
BREAKDOWN
VOLTAGE
VBR (1) AT IT (V)
TEST
CURRENT
IT (mA)
STAND-OFF
VOLTAGE
VWM (V)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
ID (μA)
FINISH GOOD (for reference not guarantee for bare die)
MAXIMUM
CLAMPING
VOLTAGE (2)
VC AT IPPM
OPERATING
JUNCTION
TEMPERATURE
RANGE
PACKAGE
EQUIVALENT
PRODUCT (3)
MIN.
MAX.
(V)
(A)
0
1.0
2.0
3.0
4.0
0
50
100
150
t
d
t - Time (ms)
t
r = 10 μs
Peak Value
I
PPM
Half Value -
I
PPM
I
PP
2
10/1000 μs Waveform
as Defined by R.E.A.
T
J = 25 °C
Pulse Width (t
d)
is Defined as the Point
Where the Peak Current
Decays to 50 % of I
PPM



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com