Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2M166 Datasheet(PDF) 1 Page - IDEC Corporation

Part # AP2M166
Description  Super Bright LEDs with built-in current-limiting resistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

AP2M166 Datasheet(HTML) 1 Page - IDEC Corporation

  AP2M166 Datasheet HTML 1Page - IDEC Corporation AP2M166 Datasheet HTML 2Page - IDEC Corporation AP2M166 Datasheet HTML 3Page - IDEC Corporation AP2M166 Datasheet HTML 4Page - IDEC Corporation AP2M166 Datasheet HTML 5Page - IDEC Corporation AP2M166 Datasheet HTML 6Page - IDEC Corporation AP2M166 Datasheet HTML 7Page - IDEC Corporation AP2M166 Datasheet HTML 8Page - IDEC Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
11
ø8·10·12·16
APSeriesMiniature Pilot Lights
AC Adapter/DC-DC Converter (Option)
Unit
AC Adapter
DC-DC Converter
Applicable Unit
AP6M and AP2M (6V rating only)
Rated Voltage
100/110V AC, 200/220V AC
50/60 Hz
110V DC
Voltage Range
100/110V AC±10%
200/220V AC±10%
90 to 140V
Power Consumption 1.6 VA maximum
1W maximum
Insulation Voltage
250V AC
140V DC
Insulation
Resistance
Between live and dead parts:
100 M
Ω minimum (500V DC megger)
Dielectric Strength
Between live and dead parts: 2000V, 1 minute
Between I/O terminals:
2000V AC/, 1 minute
Between I/O terminals:
1500V AC, 1 minute
Terminal Style
M3 screw
Weight (approx.)
38g
20g
Flasher Unit (Option)
Applicable Unit
AP6M (12V and 24V DC rating only)
Rated Voltage
12/24V DC compatible
Voltage Range
12/24V DC±10%
Flashing Period
Adjustable between approximately 30 to 600
cycles per minute (period 0.1 to 2 sec)
Current Draw
4 mA (OFF) to 6 mA (ON)
Terminal Style
M3 screw
Weight (approx.)
13.5g
Super Bright LEDs with built-in current-limiting resistor
• Space saving miniature style.
• Illumination colors: amber, blue, green, pure white, red,
and yellow
(blue and pure white available for AP8M and AP1M only)
• Marking is available on flat lens units.
(except AP8M series)
• See website for details on approvals and standards.
Pilot Light
Input Type
Full voltage
Model
AP2M / AP6M
AP8M / AP1M
Rated Voltage
6V AC/DC
12V AC/DC
24V AC/DC
5V DC
12V AC/DC
24V AC/DC
Voltage Range
6V AC/DC±5%
12V AC/DC±10% 24V AC/DC±10% 5V DC±5%
12V AC/DC±10%
24V AC/DC±10%
Rated Current
5mA
4mA
Illumination Color Code
A (amber), G (green), PW (pure white), R (red), Y (yellow)
A (amber), G (green), PW (pure white), R (red), S (blue), Y (yellow)
Operating Temperature
–20 to +55°C (no freezing)
Storage Temperature
–30 to +55°C (no freezing)
Operating Humidity
45 to 85% RH (no condensation)
Insulation Resistance
Between live and dead parts: 100 M
Ω minimum (500V DC megger)
Dielectric Strength
Between live and dead parts: 1000V, 1 minute
Solder Terminal
Soldering 350°C maximum (3 sec)
Applicable Wire
ø1.0 or 0.75 mm2 maximum (20 to 16 AWG)
Weight (approx.)
AP6M: 7.5g, AP2M: 4.5g, AP1M: 2.5g, AP8M: 2.0g
Degree of Protection
AP6M, AP2M, AP1M: IP65
AP8M: IP40
(according to IEC 60529)
AP2M
AC adapter unit
AP6M
AC adapter unit
Flasher unit
∗) AP8M and AP1M only
(
∗)
(
∗)


Similar Part No. - AP2M166

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
AP2M-2H-Z COPAL-AP2M-2H-Z Datasheet
858Kb / 5P
Subminiature Pushbutton Switches
AP2M-2M-Z COPAL-AP2M-2M-Z Datasheet
858Kb / 5P
Subminiature Pushbutton Switches
AP2M-2S-Z COPAL-AP2M-2S-Z Datasheet
858Kb / 5P
Subminiature Pushbutton Switches
AP2M-6H-Z COPAL-AP2M-6H-Z Datasheet
858Kb / 5P
Subminiature Pushbutton Switches
AP2M-6M-Z COPAL-AP2M-6M-Z Datasheet
858Kb / 5P
Subminiature Pushbutton Switches
More results

Similar Description - AP2M166

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA124TM ROHM-DTA124TM Datasheet
55Kb / 3P
Digital transistors (built in resistor)
DTB123YU ROHM-DTB123YU Datasheet
77Kb / 4P
Digital transistors (built-in resistor)
DTC614TUT106 ROHM-DTC614TUT106 Datasheet
59Kb / 3P
Digital transistors (built-in resistor)
logo
Vishay Siliconix
TLRH440.CU VISHAY-TLRH440.CU Datasheet
129Kb / 9P
With current limiting resistor for 12 V
24-Apr-13
TLRP4900CU VISHAY-TLRP4900CU Datasheet
675Kb / 6P
With current limiting resistor for 12 V
24-Apr-13
logo
Lite-On Technology Corp...
LTL-4223-R1 LITEON-LTL-4223-R1 Datasheet
191Kb / 4P
Integral current limiting resistor LED
LTL-4223-R2 LITEON-LTL-4223-R2 Datasheet
191Kb / 4P
Integral current limiting resistor LED
LTL-4233-R1 LITEON-LTL-4233-R1 Datasheet
193Kb / 4P
Integral current limiting resistor LED
LTL-4233-R2 LITEON-LTL-4233-R2 Datasheet
182Kb / 4P
Integral current limiting resistor LED
LTL-4253-R1 LITEON-LTL-4253-R1 Datasheet
179Kb / 4P
Integral current limiting resistor LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com