Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2M166 Datasheet(PDF) 4 Page - IDEC Corporation

Part # AP2M166
Description  Super Bright LEDs with built-in current-limiting resistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

AP2M166 Datasheet(HTML) 4 Page - IDEC Corporation

  AP2M166 Datasheet HTML 1Page - IDEC Corporation AP2M166 Datasheet HTML 2Page - IDEC Corporation AP2M166 Datasheet HTML 3Page - IDEC Corporation AP2M166 Datasheet HTML 4Page - IDEC Corporation AP2M166 Datasheet HTML 5Page - IDEC Corporation AP2M166 Datasheet HTML 6Page - IDEC Corporation AP2M166 Datasheet HTML 7Page - IDEC Corporation AP2M166 Datasheet HTML 8Page - IDEC Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
44
ø10 AP Series Miniature Pilot Lights
Dimensions
1.5
2.2
5.5
21.5
8
29.5
5.5
10
9.5
Panel Thickness 0.8 to 6
Dome
Gasket
Flat
Marking Plate
ø7.7
ø7.7
Terminal Arrangement (Bottom View)
–
+
Projection
Positive Terminal Negative Terminal
Shape
Operating Voltage
Part No.
Ordering No.
Package Quantity
Lens Color Code
Dome
5V DC ±5%
AP1M255➁
AP1M255➁
1
Specify a lens
color code in place
of ➁ in the Part
No.
A:
amber
G:
green
PW: pure white
R:
red
S:
blue
Y:
yellow
AP1M255➁PN10
10
12V AC/DC ±10% AP1M211➁
AP1M211➁
1
AP1M211➁PN10
10
24V AC/DC ±10% AP1M222➁
AP1M222➁
1
AP1M222➁PN10
10
Flat (marking)
5V DC ±5%
AP1M155➁
AP1M155➁
1
AP1M155➁PN10
10
12V AC/DC ±10% AP1M111➁
AP1M111➁
1
AP1M111➁PN10
10
24V AC/DC ±10% AP1M122➁
AP1M122➁
1
AP1M122➁PN10
10
•Degree of protection: IP65 (IEC 60529)
•The LED cannot be replaced.
•Separate transformer (TWR512, TWR522, TWR542) can be used for 24V AC/DC pilot lights.
Engraving depth:
0.5 mm maximum
Marking plate material: White acrylic
All dimensions in mm.
Panel Cut-out / Mounting Hole Layout
ø10.1
+0.2
0
13
AP1M Series (ø10)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com