Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2M166 Datasheet(PDF) 2 Page - IDEC Corporation

Part # AP2M166
Description  Super Bright LEDs with built-in current-limiting resistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

AP2M166 Datasheet(HTML) 2 Page - IDEC Corporation

  AP2M166 Datasheet HTML 1Page - IDEC Corporation AP2M166 Datasheet HTML 2Page - IDEC Corporation AP2M166 Datasheet HTML 3Page - IDEC Corporation AP2M166 Datasheet HTML 4Page - IDEC Corporation AP2M166 Datasheet HTML 5Page - IDEC Corporation AP2M166 Datasheet HTML 6Page - IDEC Corporation AP2M166 Datasheet HTML 7Page - IDEC Corporation AP2M166 Datasheet HTML 8Page - IDEC Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
22
ø16 AP Series Miniature Pilot Lights
Shape
Operating Voltage
Part No.
Ordering No.
Package Quantity
Lens Color Code
Dome
6V DC
AP6M266➁
AP6M266➁
1
Specify a lens color
code in place of ➁
in the Part No.
A:
amber
G: green
PW: pure white
R: red
Y:
yellow
AP6M266➁PN10
10
12V DC
AP6M211➁
AP6M211➁
1
AP6M211➁PN10
10
24V DC
AP6M222➁
AP6M222➁
1
AP6M222➁PN10
10
Flat (marking)
6V DC
AP6M166➁
AP6M166➁
1
AP6M166➁PN10
10
12V DC
AP6M111➁
AP6M111➁
1
AP6M111➁PN10
10
24V DC
AP6M122➁
AP6M122➁
1
AP6M122➁PN10
10
•Degree of protection: IP65 (IEC 60529)
•The LED cannot be replaced.
Dimensions
Gasket
Dome
Flat
5.5
21.5
29.5
8
Panel Thickness 0.8 to 6
1.5
Width 2.8, Thickness 0.4
Hole 2-ø1.2
2.2
5.5
13.5
9.5
–
+
M3 Screw
AC Adapter, DC-DC Converter,
or Flasher Unit
71
58.7
18
1.3
Positive Terminal
Negative Terminal
Terminal Cover: AP-VL3
Terminal Arrangement
(Bottom View)
Marking Plate
Panel Cut-out / Mounting Hole Layout
ø12.9
Terminal cover is not supplied.
When using terminal covers, order AP-VL3 terminal covers.
Engraving depth:
0.5 mm maximum
Marking plate material: White acrylic
All dimensions in mm.
Note: (18) is the minimum
mounting hole layout
without AC adapter or
flasher unit.
With AC Adapter, DC-DC Converter, Flasher Unit
ø16.2 +0.2
0
18
+0.20
ø16.2
AC Adapter, DC-DC Converter, Flasher Unit
Unit
Operating Voltage
Part No.
Applicable Pilot Light
Package Quantity
AC Adapter
100/110V AC
AP6-016D
AP6M266➁ (dome: 6V DC)
AP6M166➁ (flat: 6V DC)
1
200/220V AC
AP6-026D
DC-DC Converter
110V DC (90 to 140V DC)
AP6-016DD
Flasher Unit
12/24V DC
UZ6-F10
AP6M211➁ (dome: 12V DC)
AP6M222➁ (dome: 24V DC)
AP6M111➁ (flat: 12V DC)
AP6M122➁ (flat: 24V DC)
Positive Terminal
Negative Terminal
+ –
AP6M Series (ø16)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com