Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFSINGLEMODE2 Datasheet(PDF) 9 Page - Fluke Corporation

Part # SFSINGLEMODE2
Description  SimpliFiber® Pro
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLUKE [Fluke Corporation]
Direct Link  https://www.fluke.com/en-us
Logo FLUKE - Fluke Corporation

SFSINGLEMODE2 Datasheet(HTML) 9 Page - Fluke Corporation

Back Button SFSINGLEMODE2 Datasheet HTML 3Page - Fluke Corporation SFSINGLEMODE2 Datasheet HTML 4Page - Fluke Corporation SFSINGLEMODE2 Datasheet HTML 5Page - Fluke Corporation SFSINGLEMODE2 Datasheet HTML 6Page - Fluke Corporation SFSINGLEMODE2 Datasheet HTML 7Page - Fluke Corporation SFSINGLEMODE2 Datasheet HTML 8Page - Fluke Corporation SFSINGLEMODE2 Datasheet HTML 9Page - Fluke Corporation SFSINGLEMODE2 Datasheet HTML 10Page - Fluke Corporation SFSINGLEMODE2 Datasheet HTML 11Page - Fluke Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
General Specifications
Temperature range
Operating: -10 °C to 50 °C
Storage: -20 °C to 50 °C
Humidity range
95% (10 °C to 35 °C) non-condensing; 75% (35 °C to 40 °C) non-condensing; uncontrolled <10 °C
Certifications
CE, CSA, N10140, Class 1 laser-safe
Dimensions
Power meter: 6.4 in x 3.2 in x 1.5 in (16.5 cm x 8.0 cm x 3.9 cm)
MM/SM sources: 5.6 in x 3.2 in x 1.6 in (14.2 cm x 8.1 cm x 4.1 cm)
Weight
Power meter: 11.5 oz (325 g)
MM/SM sources: 9.8 oz (278 g)
Optical Sources
Optical output connector
Fixed SC
Emitter type
850/1300: LED
1310/1550: FP Laser
FindFiber: Laser
Emitter wavelengths
850, 1300, 1310, 1490, 1550, 1625
Power output (minimum)
MM: ≥ -20 dBm; SM: ≥ 8 dBm minimum; -7 dBm nominal
Power output stability
(8 hours)
MM: +/- 0.1 dB over 8 hours; SM: +/- 0.25 dB over 8 hours
MM battery life (2 x AA IEC LR6)
40 hours typical
SM battery life (2 x AA IEC LR6)
30 hours typical
FindFiber battery life (2 x AA IEC
LR6)
80 hours typical
Optical Power Meter
Power measurement accuracy
+/-0.25 dB
Optical connector
Removable adapter; SC adapter standard; Optional adapters include LC, ST
Detector type
InGaAs
Calibrated wavelengths
850, 1300, 1310, 1490, 1550, 1625
Power measurement range
850: 10 to -52 dBm
1300, 1310, 1490, 1550, 1625: 10 to -60 dBm
Power measurement linearity
850 nm: +/- 0.2 dB; +/- 0.2 dB for power from 0 dBm to -45 dBm, +/- 0.25 dB for power < -45 dBm; 1300 nm, 1310 nm, 1490 nm, 1550 nm, 1625 nm: +/- 0.1
dB; +/- 0.1 dB for power from 0 dBm to -55 dBm, +/- 0.2 dB for power > 0 dBm and < -55 dBm
Resolution
0.01 dB
Battery life
>50 hours typical
Memory
1000 loss or power measurements
Serial communication physical
interface
USB
9 of 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com