Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFSINGLEMODE2 Datasheet(PDF) 10 Page - Fluke Corporation

Part # SFSINGLEMODE2
Description  SimpliFiber® Pro
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLUKE [Fluke Corporation]
Direct Link  https://www.fluke.com/en-us
Logo FLUKE - Fluke Corporation

SFSINGLEMODE2 Datasheet(HTML) 10 Page - Fluke Corporation

Back Button SFSINGLEMODE2 Datasheet HTML 3Page - Fluke Corporation SFSINGLEMODE2 Datasheet HTML 4Page - Fluke Corporation SFSINGLEMODE2 Datasheet HTML 5Page - Fluke Corporation SFSINGLEMODE2 Datasheet HTML 6Page - Fluke Corporation SFSINGLEMODE2 Datasheet HTML 7Page - Fluke Corporation SFSINGLEMODE2 Datasheet HTML 8Page - Fluke Corporation SFSINGLEMODE2 Datasheet HTML 9Page - Fluke Corporation SFSINGLEMODE2 Datasheet HTML 10Page - Fluke Corporation SFSINGLEMODE2 Datasheet HTML 11Page - Fluke Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Microscanner2 Specifications (Included in MS2-FTK kit)
Test Connectors
Twisted-pair: UTP, FTP, SSTP 8-pin modular jack accepts RJ45 and RJ11 Coax: F-connector for 75 Ω, 50 Ω, 93 Ω cables
Cable Tests
Tests for open circuits, short circuits, cross-wired pairs, wiremap to TIA-568A/B standards, remote ID locators
Length Measurement
Length (up to 460 meters or 1,500 feet) using Time Domain Reflectometry (TDR) Technology
Tone Generator
IntelliTone digital tone: [500 KHz]; analog tones:[400Hz, 1KHz]
PoE Detection
Solicits and detects the presence of 802.3af compatible PoE devices
Ethernet Port Test
Advertised speed of 802.3 Ethernet ports (10/100/1000)
Power Source
Battery type: 2 AA alkaline batteries
Dimensions
3 in x 6.4 in x 1.4 in (7.6 cm x 16.3 cm x 3.6 cm)
Weight
13 ounces; 363 grams (batteries included)
Warranty
One year
M12/ RJ45 Cable Specifications:
Cable type
Ethernet cable, Cat5e, 6, 6a, shielded, 2 Pair AWG 26 stranded (7 wire), RAL 5021 (water blue), M12 4 pos. D- coded on RJ45 connector
Number of positions
4
Fixed cable length
2m
Volume resistance
≤ 5 mΩ
Insulation resistance
≥ 100 MΩ
Ambient temperature
-20 oC to 50 oC
Inflammability class acc to UL 94
V0
Surge voltage category
II
Pollution degree
3
Degree of protection
IP20/IP67
External cable diameter
6.7 mm
Transmission characteristics
Cat 5 (IEC 11801:2002), Cat 5e (TIA 568B:2001)
10 of 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com