Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFSINGLEMODE2 Datasheet(PDF) 2 Page - Fluke Corporation

Part # SFSINGLEMODE2
Description  SimpliFiber® Pro
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLUKE [Fluke Corporation]
Direct Link  https://www.fluke.com/en-us
Logo FLUKE - Fluke Corporation

SFSINGLEMODE2 Datasheet(HTML) 2 Page - Fluke Corporation

  SFSINGLEMODE2 Datasheet HTML 1Page - Fluke Corporation SFSINGLEMODE2 Datasheet HTML 2Page - Fluke Corporation SFSINGLEMODE2 Datasheet HTML 3Page - Fluke Corporation SFSINGLEMODE2 Datasheet HTML 4Page - Fluke Corporation SFSINGLEMODE2 Datasheet HTML 5Page - Fluke Corporation SFSINGLEMODE2 Datasheet HTML 6Page - Fluke Corporation SFSINGLEMODE2 Datasheet HTML 7Page - Fluke Corporation SFSINGLEMODE2 Datasheet HTML 8Page - Fluke Corporation SFSINGLEMODE2 Datasheet HTML 9Page - Fluke Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
The multimode source is a dual wavelength 850/1300 source and incorporates an 850 nm LED and a 1300 nm LED, perfect for
multimode fiber testing. You can add an optional singlemode 1310/1550 and/or 1490/1625 source to any kit as your testing needs
evolve. These laser sources are ideal for all singlemode fiber testing. All sources are compatible with the SimpliFiber Pro optical
power meter.
User-friendly
Although they are effective as separate tools, the SimpliFiber Pro optical power meter and sources are engineered to work together.
The automatic wavelength-sensing feature of the meter identifies the source wavelength and sets itself appropriately so you do not
have to. This simplifies multi-wavelength tests and saves at each wavelength to prevent costly measurement errors. The compact
SimpliFiber Pro optical power meter and sources are durable and rugged. They feature impact-resistant covers and a compact,
ergonomic shape for a comfortable and secure grip. Long battery life assures hours of trouble-free operation.
Verify optical loss and power levels
The SimpliFiber Pro optical power meter is calibrated for accuracy at 850 nm, 1300 nm, 1310 nm, 1490 nm, 1550 nm and 1625 nm.
The meter features the ability to save a reference power level, allowing a direct display of fiber loss. It has an intuitive four-button
panel, a large LCD display screen, and a USB port to upload test results to a PC running LinkWare™ Cable Test Management
Software. SimpliFiber Pro sources include a dual-wavelength 850/1300 nm source, a dual-wavelength 1310/1550 nm source, and a
dual-wavelength 1490/1625 nm source. The FindFiber Remote ID sources transmit at 1310 nm.
2 of 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com