Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5SY4 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # 5SY4
Description  Features of 5SY supplementary protectors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

5SY4 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  5SY4 Datasheet HTML 1Page - Siemens Semiconductor Group 5SY4 Datasheet HTML 2Page - Siemens Semiconductor Group 5SY4 Datasheet HTML 3Page - Siemens Semiconductor Group 5SY4 Datasheet HTML 4Page - Siemens Semiconductor Group 5SY4 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
12/10
■Selection and ordering data
All 5SY4 designs have been approved acc. to UL 1077 and CSA 22.2 No. 235-M 89 and can therefore be used as “supplementary
protectors” for applications of up to 277 V AC (1-pole and 1-pole + N designs) and 480 V AC (2-pole, 3-pole, 3-pole + N and 4-pole
designs).
In
MW Characteristic A
Characteristic B
Characteristic C
Characteristic D
Weight Pack.
unit
Order No.
Price
Order No.
Price
Order No.
Price
Order No.
Price
1 item
A
1 item
1 item
1 item
1 item kg
Items
3-pole
0.3
-
-
5SY4 314-7
5SY4 314-8
0.495
4
0.5
-
-
5SY4 305-7
5SY4 305-8
13
5SY4 301-5
-
5SY4 301-7
5SY4 301-8
1.6
5SY4 315-5
-
5SY4 315-7
5SY4 315-8
2
5SY4 302-5
-
5SY4 302-7
5SY4 302-8
3
5SY4 303-5
-
5SY4 303-7
5SY4 303-8
4
5SY4 304-5
-
5SY4 304-7
5SY4 304-8
6
5SY4 306-5
5SY4 306-6
5SY4 306-7
5SY4 306-8
8
5SY4 308-5
-
5SY4 308-7
5SY4 308-8
10
5SY4 310-5
5SY4 310-6
5SY4 310-7
5SY4 310-8
13
5SY4 313-5
5SY4 313-6
5SY4 313-7
5SY4 313-8
16
5SY4 316-5
5SY4 316-6
5SY4 316-7
5SY4 316-8
20
5SY4 320-5
5SY4 320-6
5SY4 320-7
5SY4 320-8
25
5SY4 325-5
5SY4 325-6
5SY4 325-7
5SY4 325-8
32 1)
5SY4 332-5
5SY4 332-6
5SY4 332-7
5SY4 332-8
40
5SY4 340-5
5SY4 340-6
5SY4 340-7
5SY4 340-8
50
5SY4 350-5
5SY4 350-6
5SY4 350-7
5SY4 350-8
63
5SY4 363-5
5SY4 363-6
5SY4 363-7
5SY4 363-8
3-pole + N
0.3
-
-
5SY4 614-7
5SY4 614-8
0.660
3
0.5
-
-
5SY4 605-7
5SY4 605-8
14
5SY4 601-5
-
5SY4 601-7
5SY4 601-8
1.6
5SY4 615-5
-
5SY4 615-7
5SY4 615-8
2
5SY4 602-5
-
5SY4 602-7
5SY4 602-8
3
5SY4 603-5
-
5SY4 603-7
5SY4 603-8
4
5SY4 604-5
-
5SY4 604-7
5SY4 604-8
6
5SY4 606-5
5SY4 606-6
5SY4 606-7
5SY4 606-8
8
5SY4 608-5
-
5SY4 608-7
5SY4 608-8
10
5SY4 610-5
5SY4 610-6
5SY4 610-7
5SY4 610-8
13
5SY4 613-5
5SY4 613-6
5SY4 613-7
5SY4 613-8
16
5SY4 616-5
5SY4 616-6
5SY4 616-7
5SY4 616-8
20
5SY4 620-5
5SY4 620-6
5SY4 620-7
5SY4 620-8
25
5SY4 625-5
5SY4 625-6
5SY4 625-7
5SY4 625-8
32
5SY4 632-5
5SY4 632-6
5SY4 632-7
5SY4 632-8
40
5SY4 640-5
5SY4 640-6
5SY4 640-7
5SY4 640-8
50
5SY4 650-5
5SY4 650-6
5SY4 650-7
5SY4 650-8
63
5SY4 663-5
5SY4 663-6
5SY4 663-7
5SY4 663-8
4-pole
0.3
-
-
5SY4 414-7
5SY4 414-8
0.660
3
0.5
-
-
5SY4 405-7
5SY4 405-8
14
5SY4 401-5
-
5SY4 401-7
5SY4 401-8
1.6
5SY4 415-5
-
5SY4 415-7
5SY4 415-8
2
5SY4 402-5
-
5SY4 402-7
5SY4 402-8
3
5SY4 403-5
-
5SY4 403-7
5SY4 403-8
4
5SY4 404-5
-
5SY4 404-7
5SY4 404-8
6
5SY4 406-5
5SY4 406-6
5SY4 406-7
5SY4 406-8
8
5SY4 408-5
-
5SY4 408-7
5SY4 408-8
10
5SY4 410-5
5SY4 410-6
5SY4 410-7
5SY4 410-8
13
5SY4 413-5
5SY4 413-6
5SY4 413-7
5SY4 413-8
16
5SY4 416-5
5SY4 416-6
5SY4 416-7
5SY4 416-8
20
5SY4 420-5
5SY4 420-6
5SY4 420-7
5SY4 420-8
25
5SY4 425-5
5SY4 425-6
5SY4 425-7
5SY4 425-8
32
5SY4 432-5
5SY4 432-6
5SY4 432-7
5SY4 432-8
40
5SY4 440-5
5SY4 440-6
5SY4 440-7
5SY4 440-8
50
5SY4 450-5
5SY4 450-6
5SY4 450-7
5SY4 450-8
63
5SY4 463-5
5SY4 463-6
5SY4 463-7
5SY4 463-8
1 MW = modular width of 18 mm
Depth 70 mm = device mounting depth of
70 mm
2
1
4
3
6
5
1
2
3
4
5
6
N
N
1
2
3
4
5
6
7
8
5SY4 70 mm mounting depth
Supplementary Protectors
New 5SY4 Supplementary Protectors
Siemens Energy & Automation, Inc.
Industrial Controls Catalog
Discount Code: Mini Circuit Breakers
12_Sec.qxd
07/28/03
10:42 AM
Page 12/10



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com