Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5SY4 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # 5SY4
Description  Features of 5SY supplementary protectors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

5SY4 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  5SY4 Datasheet HTML 1Page - Siemens Semiconductor Group 5SY4 Datasheet HTML 2Page - Siemens Semiconductor Group 5SY4 Datasheet HTML 3Page - Siemens Semiconductor Group 5SY4 Datasheet HTML 4Page - Siemens Semiconductor Group 5SY4 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
12/11
■ Features
All the new 5SP4 designs have been approved acc. to UL 1077 and CSA 22.2 No. 235-M 89 and can therefore be used as “supplementary
protectors” for applications of up to 277 V AC (1-pole designs) and 480 V AC (2-pole, 3-pole, and 4-pole designs).
■ Selection and ordering data
In
MW Characteristic B
Characteristic C
Characteristic D
Weight
Pack.
unit
Order No.
Price
Order No.
Price
Order No.
Price
1 item
A
1 item
1 item
1 item
kg
Items
1-pole
80 1.5 5SP4 180-6
5SP4 180-7
5SP4 180-8
0.260
6
100
5SP4 191-6
5SP4 191-7
5SP4 191-8
125
5SP4 192-6
5SP4 192-7
-
2-pole
80 3
5SP4 280-6
5SP4 280-7
5SP4 280-8
0.510
3
100
5SP4 291-6
5SP4 291-7
5SP4 291-8
125
5SP4 292-6
5SP4 292-7
-
3-pole
80 4.5 5SP4 380-6
5SP4 380-7
5SP4 380-8
0.760
2
100
5SP4 391-6
5SP4 391-7
5SP4 391-8
125
5SP4 392-6
5SP4 392-7
-
4-pole
80 6
5SP4 480-6
5SP4 480-7
5SP4 480-8
1.000
1
100
5SP4 491-6
5SP4 491-7
5SP4 491-8
125
5SP4 492-6
5SP4 492-7
-
.
1 MW = modular width of 27 mm
Depth 70 mm = device mounting
depth of 70 mm
1
2
1
2
3
4
2
1
4
3
6
5
1
2
3
4
5
6
7
8
5SY4 70 mm mounting depth
Supplementary Protectors
High-Current Product Range
Siemens Energy & Automation, Inc.
Industrial Controls Catalog
Discount Code: Mini Circuit Breakers
12_Sec.qxd
07/28/03
10:42 AM
Page 12/11



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com