Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5SY4 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # 5SY4
Description  Features of 5SY supplementary protectors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

5SY4 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  5SY4 Datasheet HTML 1Page - Siemens Semiconductor Group 5SY4 Datasheet HTML 2Page - Siemens Semiconductor Group 5SY4 Datasheet HTML 3Page - Siemens Semiconductor Group 5SY4 Datasheet HTML 4Page - Siemens Semiconductor Group 5SY4 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
12/12
■Features
• Un: 230/400 V, 50-60 Hz,
220 V DC per pole,
applicable in networks up to:
250/440 V AC
- 220 V DC: 1-pole
- 440 V DC: 2-pole
•Standards: EN 60 898-2,
DIN VDE 0641 Part 12,
IEC 60 898-2
•Additional components can
be retrofitted.
•Devices do not comply with
UL1077
■Selection and ordering data
In
MW
Characteristic B
Characteristic C
Weight
Pack.
unit
Order No.
Price
Order No.
Price
1 item
A
1 item
1 item
kg
Items
1-pole
0.3
1
-
5SY5 114-7
0.147
12
0.5
-
5SY5 105-7
1
-
5SY5 101-7
1.6
-
5SY5 115-7
2
-
5SY5 102-7
3
-
5SY5 103-7
4
-
5SY5 104-7
6
5SY5 106-6
5SY5 106-7
8
-
5SY5 108-7
10
5SY5 110-6
5SY5 110-7
13
5SY5 113-6
5SY5 113-7
16
5SY5 116-6
5SY5 116-7
20
5SY5 120-6
5SY5 120-7
25
5SY5 125-6
5SY5 125-7
321)
5SY5 132-6
5SY5 132-7
40
5SY5 140-6
5SY5 140-7
50
5SY5 150-6
5SY5 150-7
63
5SY5 163-6
5SY5 163-7
2-pole
0.3
2
-
5SY5 214-7
0.304
6
0.5
-
5SY5 205-7
1
-
5SY5 201-7
1.6
-
5SY5 215-7
2
-
5SY5 202-7
3
-
5SY5 203-7
4
-
5SY5 204-7
6
5SY5 206-6
5SY5 206-7
8
-
5SY5 208-7
10
5SY5 210-6
5SY5 210-7
13
5SY5 213-6
5SY5 213-7
16
5SY5 216-6
5SY5 216-7
20
5SY5 220-6
5SY5 220-7
25
5SY5 225-6
5SY5 225-7
32
5SY5 232-6
5SY5 232-7
40
5SY5 240-6
5SY5 240-7
50
5SY5 250-6
5SY5 250-7
63
5SY5 263-6
5SY5 263-7
1 MW = modular width of 18 mm
Depth 70 mm = device mounting depth of 70
mm
1
2
1
2
3
4
5SY5 70 mm mounting depth
Supplementary Protectors
AC/DC Product Range
Siemens Energy & Automation, Inc.
Industrial Controls Catalog
Discount Code: Mini Circuit Breakers
12_Sec.qxd
07/28/03
10:42 AM
Page 12/12



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com