Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70201ILQ Datasheet(PDF) 4 Page - Microsemi Corporation

Part # PD70201ILQ
Description  Power Over Ethernet 802.3af/at PD Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD70201ILQ Datasheet(HTML) 4 Page - Microsemi Corporation

  PD70201ILQ Datasheet HTML 1Page - Microsemi Corporation PD70201ILQ Datasheet HTML 2Page - Microsemi Corporation PD70201ILQ Datasheet HTML 3Page - Microsemi Corporation PD70201ILQ Datasheet HTML 4Page - Microsemi Corporation PD70201ILQ Datasheet HTML 5Page - Microsemi Corporation PD70201ILQ Datasheet HTML 6Page - Microsemi Corporation PD70201ILQ Datasheet HTML 7Page - Microsemi Corporation PD70201ILQ Datasheet HTML 8Page - Microsemi Corporation PD70201ILQ Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
_________________________________________________________________________________________________________
Copyright © 2015
Microsemi
Page 4 of 20
Rev.2.0, 17-Jan-2017
CPG
– PoE BU
One Enterprise Aliso Viejo, CA 92656 USA
PD70101 / PD70201
Datasheet
Pin
Number
PD70101
Pin Name
PD70201
Pin Name
Description
23
VL
VL
5V (GND reference) internal LDO Output. Connect a 1µF or higher
ceramic cap from VL to GND.
24
SG
SG
Secondary Gate Driver. Output is the compliment of PG output. Leave
open (NC) if not used. SG is low when in Low Power Skip Mode.
25
PGND
PGND
This is the Power Ground. Connect to a local PGND plane. Input, VCC
decoupling capacitors, PG and SG drivers. Primary current sense
resistor return to this PGND.
26
CSN
CSN
Negative Input of the Current Sense Amplifier. Kelvin connect to the
PGND side of the primary current sense resistor.
27
CSP
CSP
Possitive Input of the Current Sense Amplifier. Kelvin connect to the Non-
PGND side of the primary current sense resistor.
28
PG
PG
Primary Gate Driver. Connect to the gate of the primary side Power
MOSFET, directly or via a resistor.
29
VH
VH
5V High side ( VCC reference) internal LDO Output. Connect a 0.1µF or
higher ceramic cap from VH to VCC.
30
VCC
VCC
Input Supply to the DC-DC Controller. Connect a 4.7µF or higher ceramic
capacitor from this pin to PGND. Alternately an parallel combination of
1µF ceramic and an greater than 10µF electrolytic capacitor can be used.
31
VAUX
VAUX
Auxiliary voltage reference to VPN_OUT; this voltage can be used for
DC-DC startup when operated with a bootstrapped voltage source. For
applications with POE power only connect directly to VCC; for
applications using multiple power sources (such as a wall adaptor),
connect to VCC pin through a small, low current, 30V rated schottky
diode.
32
VPP
VPP
This is the positive terminal of the POE input port. Connect to the positive
terminal of the input bridges at the CDET positive side.
EP
Exposed Pad
Exposed Pad
Thermal Pad; electrically connected to VPN_IN. For proper thermal
management should be tied to a large copper fill or plane that is
electrically connected to VPN_IN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com