Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70201ILQ Datasheet(PDF) 13 Page - Microsemi Corporation

Part # PD70201ILQ
Description  Power Over Ethernet 802.3af/at PD Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD70201ILQ Datasheet(HTML) 13 Page - Microsemi Corporation

Back Button PD70201ILQ Datasheet HTML 9Page - Microsemi Corporation PD70201ILQ Datasheet HTML 10Page - Microsemi Corporation PD70201ILQ Datasheet HTML 11Page - Microsemi Corporation PD70201ILQ Datasheet HTML 12Page - Microsemi Corporation PD70201ILQ Datasheet HTML 13Page - Microsemi Corporation PD70201ILQ Datasheet HTML 14Page - Microsemi Corporation PD70201ILQ Datasheet HTML 15Page - Microsemi Corporation PD70201ILQ Datasheet HTML 16Page - Microsemi Corporation PD70201ILQ Datasheet HTML 17Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
_________________________________________________________________________________________________________
Copyright © 2015
Microsemi
Page 13 of 20
Rev.2.0, 17-Jan-2017
CPG
– PoE BU
One Enterprise Aliso Viejo, CA 92656 USA
PD70101 / PD70201
Datasheet
Typical Applications
+
-
+
-
RJ-45
CONNECTOR
VL
SYNC
Vout+
Vout-
Vout+
Vout-
VCC
ATFLAG
BR-1
BR-2
C1
100nF
/100V
C2
10F/63V
C3
2.2uF/100V
C4
10uF
25V
C5
22uF
25V
C6
10uF
25V
C7
NU
25V
C8
NU
25V
C11
1uF
10V
R2
0.08
U4
R17
10k
R18
10k
L1
10uH
(EMI)
Notes:
Freq set for 300kHz
Turn On VPP ~ 42V and Off ~ 38V
Q1
FDS3580
D1
1A/50V
L2B
47uH
R7
36k
C13
3.3nF
L2A
47uH
C12
15pF
R6
10k
R8
464k
R9
464k
R10
9.09k
R11
9.09k
D2
STPS5L60
C14
68nF
6.3V
R12 412k
R13
12.4k
R14
392k
R15
33.2k
R16
TO
EXTERNAL
ENABLE
R3
24.9k
R4
R5
TO
EXTERNAL
POWER
GOOD
MONITOR
VCC
C10
0.1uF
10V
C9
1uF
25V
R1
0
U1
PD70201
9
10
11
12
13
14
15
16
1
2
3
4
5
6
7
8
RDET
PGOOD
RREF
RCLASS
VPN_IN
N/C
AT_FLAG
VPN_OUT
GND
FB
DAO
COMP
VSP
VSN
24
23
22
21
20
19
18
17
VL
32
31
30
29
28
27
26
25
SG
58V
TVS
Figure 4 · 12V2.1A Output Non-Isolated Direct Buck Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com