Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70201ILQ Datasheet(PDF) 8 Page - Microsemi Corporation

Part # PD70201ILQ
Description  Power Over Ethernet 802.3af/at PD Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD70201ILQ Datasheet(HTML) 8 Page - Microsemi Corporation

Back Button PD70201ILQ Datasheet HTML 4Page - Microsemi Corporation PD70201ILQ Datasheet HTML 5Page - Microsemi Corporation PD70201ILQ Datasheet HTML 6Page - Microsemi Corporation PD70201ILQ Datasheet HTML 7Page - Microsemi Corporation PD70201ILQ Datasheet HTML 8Page - Microsemi Corporation PD70201ILQ Datasheet HTML 9Page - Microsemi Corporation PD70201ILQ Datasheet HTML 10Page - Microsemi Corporation PD70201ILQ Datasheet HTML 11Page - Microsemi Corporation PD70201ILQ Datasheet HTML 12Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
_________________________________________________________________________________________________________
Copyright © 2015
Microsemi
Page 8 of 20
Rev.2.0, 17-Jan-2017
CPG
– PoE BU
One Enterprise Aliso Viejo, CA 92656 USA
PD70101 / PD70201
Datasheet
Symbol
Parameter
Test Conditions / Comment
PD70101 & PD70201
Units
Min
Typ
Max
Unless otherwise specified, the following specifications apply over the operating ambient temperature of -40
°C ≤ TA ≤ 85°C except where otherwise
noted with the following test conditions: VPP= 48V; VEN = HIGH, fs = 250 kHz. Production tests performed at 25°C. Unless otherwise specified VPP is
with respect to VPN_IN, VCC is with respect to PGND.
IVAUX
VAUX Output Current Limit
Isolating switch at ILIM-HIGH
and PGOOD = Low
10
32
mA
DC-DC Controller
VCC
VCC
Maximum Input Operating Voltage
20
V
IVCC
Input Current
VCC< VCC_UVLO or ENABLE = Low.
See Note 5
250
2000
µA
VENABLE and VINS = High; VVCC <
VCC_UVLO_UP; -
40°C ≤ Temp ≤
+55°C. See Note 5
4.5
mA
VCC >VCC_UVLO & ENABLE = High,
No Load on PG, SG, VL, and FSW =
500kHz.
3
mA
VCC_UVLO
VCC UVLO Rising Threshold
VCC raising edge
8.85
9.15
9.5
V
VCC_UVLO
VCC UVLO Falling Threshold
VCC falling edge
7
7.3
7.6
V
POE Port Input UVLO
VINS
UVLO Threshold
1.171
1.200
1.229
V
VINS Input Current
-0.1
+0.1
µA
HYST-VOH
HYST Output High Voltage
ISOURCE = 1mA
2.8
V
HYST-VOL
HYST Output Low Voltage
ISINK = 3mA
0.4
V
Internal LDO’s
VL
+5V LDO
IL < 5mA
4.75
5
5.25
V
VH
-5V LDO
Reference to VCC
-5
V
Soft-Start
ISS_CHG
Soft-start Charging Current
2
RFREQ = 33.2kΩ; VSOFTSTART = 0.5V
32
36
40
µA
ISS_DIS
Soft-start Discharging Current
VSOFTSTART = 0.5V; % of ISS_CHG
10
%
VSS_CH
Soft-start Completion Threshold
1
% of 1.2V
90
95
%
VSS_DISCH
Soft-start Discharge Completion
Threshold
1
50
mV
RSS_DISCH
Soft-start Discharge FET On
Resistance
50
Ω
tDISCH
Soft-start Discharge FET On Time
1 1 cyc = 1/F
FREQ
32
cyc
Switching Frequency and Synchronization
FFREQ
Switching Frequency Range
100
500
kHz
FFREQ
Switching Frequency Accuracy
3
RFREQ = 33.2k
285
315
345
kHz
FSYNC
Synchronization Frequency Range FSYNC > 2x FFREQ
200
1000
kHz
VSYNC-HIGH
Synchronization Voltage High
Threshold
2.4
5
V
VSYNC-LOW
Synchronization Voltage Low
Threshold
0.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com