Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4MPR Datasheet(PDF) 10 Page - REAN

Part # RT4MPR
Description  TINYxlr Cable Connectors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REAN [REAN]
Direct Link  https://www.rean-connectors.com/
Logo REAN - REAN

RT4MPR Datasheet(HTML) 10 Page - REAN

Back Button RT4MPR Datasheet HTML 6Page - REAN RT4MPR Datasheet HTML 7Page - REAN RT4MPR Datasheet HTML 8Page - REAN RT4MPR Datasheet HTML 9Page - REAN RT4MPR Datasheet HTML 10Page - REAN RT4MPR Datasheet HTML 11Page - REAN RT4MPR Datasheet HTML 12Page - REAN RT4MPR Datasheet HTML 13Page - REAN RT4MPR Datasheet HTML 14Page - REAN Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
3.5 mm Phone Plugs
Commercial 3.5 mm plugs
All connectors according to EIA RS-453 / IEC 60603-11
Heavy duty cable clamp for best strain relief
Available with nickel and black plating
Large cable outlet available
NYS 226
NYS 231
NYS 237
Plugs
Plugs
Cable Jacks & Adapters
Robust and reliable jacks (1/4" and 3.5 mm) in metal
housing
Heavy duty cable clamp
Available with nickel and black plating
1/4" adapters to interconnect mono & stereo lines
NYS 240
Cable jack
NYS 236
Phone jack adapter
NYS 2202P
Cable jack
NYS 2202P
NYS 240
NYS 231BG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com