Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4MPR Datasheet(PDF) 13 Page - REAN

Part # RT4MPR
Description  TINYxlr Cable Connectors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REAN [REAN]
Direct Link  https://www.rean-connectors.com/
Logo REAN - REAN

RT4MPR Datasheet(HTML) 13 Page - REAN

Back Button RT4MPR Datasheet HTML 9Page - REAN RT4MPR Datasheet HTML 10Page - REAN RT4MPR Datasheet HTML 11Page - REAN RT4MPR Datasheet HTML 12Page - REAN RT4MPR Datasheet HTML 13Page - REAN RT4MPR Datasheet HTML 14Page - REAN RT4MPR Datasheet HTML 15Page - REAN RT4MPR Datasheet HTML 16Page - REAN RT4MPR Datasheet HTML 17Page - REAN Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
Jacks
Jacks
Or dering Information
Type No.
Mono 2 pole Stereo 3 pole
Description
Distance to PCB
1/4" long bushing jacks
NYS 2202
•
Jack for thick panels, long-threaded bushing with washer and nut, full metal
–
NYS 2203
•
Jack for thick panels, long-threaded bushing with washer and nut, full metal
–
NYS 221
•
Jack with special design head for guitar strap, for thick panels,
–
long-threaded bushing with washer and nut, full metal
1/4" horizontal jacks (all contacts switched)
NYS 212
•
Plastic housing with washer and nut, solder tap version
–
NYS 2122
•
Plastic housing with washer and nut, solder tap version
–
NYS 215
•
With chrome ferrule nut
8.2 mm
NYS 2152
•
With chrome ferrule nut
8.2 mm
NYS 2152G
•
With chrome ferrule nut and gold contacts
8.2 mm
NYS 2152G-DI-U
•
Solder tap version with chrome ferrule nut, gold contacts, bulk packaging
–
NYS 216
•
Plastic housing with washer and nut
8.2 mm
NYS 2162
•
Plastic housing with washer and nut
8.2 mm
NYS 216G
•
With gold contact
8.2 mm
NYS 218
•
With extra long contacts
15.0 mm
NYS 2182
•
With extra long contacts
15.0 mm
NYS 219
•
With long contacts
12.5 mm
NYS 2192
•
With long contacts
12.5 mm
1/4" open jacks
NYS 229
•
2 contacts, with washer and nut, panel thickness 3.5 mm
–
NYS 229L
•
2 contacts, with longer threaded nose, washer and nut,
–
panel thickness 6.5 mm, with 0.205" faston tabs
NYS 230
•
3 contacts, with washer and nut, panel thickness 3.5 mm
–
1/4" vertical jacks
NYS 232
•
Plastic housing, metal washer and nut, with tip and ring normalling contacts
24.85 mm
NYS 234
•
Plastic housing, metal washer and nut, with tip and ring normalling contacts
24.00 mm
NYS 2343
•
Plastic housing, metal washer and nut, no normalling contacts
24.00 mm
Specification
Phone
jacks
Electrical
Rated current
depends on mating connector
Contact resistance
depends on mating connector
Insulation resistance
≥ 1 GΩ
Dielectric strength
500 V dc
Mechanical
Lifetime
> 1`000 mating cycles
Insertion/withdrawal force
≤ 20 N/≥ 10 N
Solderability
complies with IEC68-2-20
Operating temperature
-20°C to +70°C
Material
Housing/handle
Brass Ni/ Thermoplastic
Insulation
Thermoplastic
Contacts
Brass, SnCe/Au plated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com