Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4MPR Datasheet(PDF) 17 Page - REAN

Part # RT4MPR
Description  TINYxlr Cable Connectors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REAN [REAN]
Direct Link  https://www.rean-connectors.com/
Logo REAN - REAN

RT4MPR Datasheet(HTML) 17 Page - REAN

Back Button RT4MPR Datasheet HTML 13Page - REAN RT4MPR Datasheet HTML 14Page - REAN RT4MPR Datasheet HTML 15Page - REAN RT4MPR Datasheet HTML 16Page - REAN RT4MPR Datasheet HTML 17Page - REAN RT4MPR Datasheet HTML 18Page - REAN RT4MPR Datasheet HTML 19Page - REAN RT4MPR Datasheet HTML 20Page - REAN RT4MPR Datasheet HTML 21Page - REAN Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
17
Or dering Information
Type No.
Description
Cable O.D.
DIN male cable connectors
NYS 321
3 pole, with silver plated contacts
5.0 mm
NYS 321G
3 pole with gold plated contacts
5.0 mm
NYS 322
5 pole, with silver plated contacts
5.0 mm
NYS 322G
5 pole with gold plated contacts
5.0 mm
NYS 322AG
5 pole with gold plated shell and contacts
5.0 mm
NYS 323
7 pole, with silver plated contacts
5.0 mm
NYS 323G
7 pole, with gold plated contacts
5.0 mm
DIN female chassis connectors
NYS 324
3 pole, with silver plated contacts
–
NYS 325
5 pole, with silver plated contacts
–
NYS 326
7 pole, with silver plated contacts
–
DIN
Connectors
DIN
Connectors
Specification
DIN connectors
Electrical
Rated current
depends on mating connector
Contact resistance
depends on mating connector
Insulation resistance
≥ 1 GΩ
Dielectric strength
500 V dc
Mechanical
Lifetime
> 1`000 mating cycles
Cable O.D.
5 mm
Solderability
complies with IEC68-2-20
Operating temperature
-25°C to +70°C
Material
Housing/handle
- Zinc diecast Ni/Au plated
•
- Steel, Ni plated
NYS 324/325/326
Insulation
Thermoplastic
Contacts
Brass, Ni/Au plated
Strain relief
Crimp type Zn plated
Part number coding:
B .... black handle
G.... gold plated contacts
AG .... all gold, gold plated contacts and shell
BG ... black handle, gold plated contacts
S .... silent switch
GT .... gold plated tip contact



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com