Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL494CD Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TL494CD
Description  Pulse-Width-Modulation Control Circuits
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL494CD Datasheet(HTML) 4 Page - Texas Instruments

  TL494CD Datasheet HTML 1Page - Texas Instruments TL494CD Datasheet HTML 2Page - Texas Instruments TL494CD Datasheet HTML 3Page - Texas Instruments TL494CD Datasheet HTML 4Page - Texas Instruments TL494CD Datasheet HTML 5Page - Texas Instruments TL494CD Datasheet HTML 6Page - Texas Instruments TL494CD Datasheet HTML 7Page - Texas Instruments TL494CD Datasheet HTML 8Page - Texas Instruments TL494CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VCC
Supply voltage(2)
41
V
VI
Amplifier input voltage
VCC + 0.3
V
VO
Collector output voltage
41
V
IO
Collector output current
250
mA
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to the network ground terminal.
7.2 ESD Ratings
MAX
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins
500
V
Charged device model (CDM), per JEDEC specification JESD22-
C101, all pins
200
7.3 Recommended Operating Conditions
MIN
MAX
UNIT
VCC
Supply voltage
7
40
V
VI
Amplifier input voltage
–0.3
VCC – 2
V
VO
Collector output voltage
40
V
Collector output current (each transistor)
200
mA
Current into feedback terminal
0.3
mA
fOSC
Oscillator frequency
1
300
kHz
CT
Timing capacitor
0.47
10000
nF
RT
Timing resistor
1.8
500
kΩ
TA
Operating free-air temperature
TL494C
0
70
°C
TL494I
–40
85
7.4 Thermal Information
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TL494
UNIT
D
DB
N
NS
PW
Rθ JA
Package thermal
impedance(1) (2)
73
82
67
64
108
°C/W
(1)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA) / θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
(2)
The package thermal impedance is calculated in accordance with JESD 51-7.
TL494
SLVS074I – JANUARY 1983 – REVISED JULY 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TL494



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com