Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL494CD Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TL494CD
Description  Pulse-Width-Modulation Control Circuits
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL494CD Datasheet(HTML) 3 Page - Texas Instruments

  TL494CD Datasheet HTML 1Page - Texas Instruments TL494CD Datasheet HTML 2Page - Texas Instruments TL494CD Datasheet HTML 3Page - Texas Instruments TL494CD Datasheet HTML 4Page - Texas Instruments TL494CD Datasheet HTML 5Page - Texas Instruments TL494CD Datasheet HTML 6Page - Texas Instruments TL494CD Datasheet HTML 7Page - Texas Instruments TL494CD Datasheet HTML 8Page - Texas Instruments TL494CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
6 Pin Configuration and Functions
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1IN+
1IN−
FEEDBACK
DTC
CT
RT
GND
C1
2IN+
2IN−
REF
OUTPUT CTRL
VCC
C2
E2
E1
D, DB, N, NS, OR PW PACKAGE
(TOP VIEW)
Table 6-1. Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
1IN+
1
I
Noninverting input to error amplifier 1
1IN-
2
I
Inverting input to error amplifier 1
2IN+
16
I
Noninverting input to error amplifier 2
2IN-
15
I
Inverting input to error amplifier 2
C1
8
O
Collector terminal of BJT output 1
C2
11
O
Collector terminal of BJT output 2
CT
5
—
Capacitor terminal used to set oscillator frequency
DTC
4
I
Dead-time control comparator input
E1
9
O
Emitter terminal of BJT output 1
E2
10
O
Emitter terminal of BJT output 2
FEEDBACK
3
I
Input pin for feedback
GND
7
—
Ground
OUTPUT
CTRL
13
I
Selects single-ended/parallel output or push-pull operation
REF
14
O
5-V reference regulator output
RT
6
—
Resistor terminal used to set oscillator frequency
VCC
12
—
Positive Supply
www.ti.com
TL494
SLVS074I – JANUARY 1983 – REVISED JULY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TL494



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com