Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL494CD Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TL494CD
Description  Pulse-Width-Modulation Control Circuits
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL494CD Datasheet(HTML) 11 Page - Texas Instruments

Back Button TL494CD Datasheet HTML 7Page - Texas Instruments TL494CD Datasheet HTML 8Page - Texas Instruments TL494CD Datasheet HTML 9Page - Texas Instruments TL494CD Datasheet HTML 10Page - Texas Instruments TL494CD Datasheet HTML 11Page - Texas Instruments TL494CD Datasheet HTML 12Page - Texas Instruments TL494CD Datasheet HTML 13Page - Texas Instruments TL494CD Datasheet HTML 14Page - Texas Instruments TL494CD Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
The frequency of the oscillator is programmed by selecting timing components RT and CT. The oscillator charges
the external timing capacitor, CT, with a constant current, the value of which is determined by the external
timing resistor, RT. This produces a linear-ramp voltage waveform. When the voltage across CT reaches 3 V, the
oscillator circuit discharges it, and the charging cycle is reinitiated. The charging current is determined by the
formula:
CHARGE
T
3 V
I
R
=
(1)
The period of the sawtooth waveform is:
T
CHARGE
3 V
C
T
I
´
=
(2)
The frequency of the oscillator becomes:
OSC
T
T
1
f
R
C
=
´
(3)
However, the oscillator frequency is equal to the output frequency only for single-ended applications. For
push-pull applications, the output frequency is one-half the oscillator frequency.
Single-ended applications:
T
T
1
f
R
C
=
´
(4)
Push-pull applications:
T
T
1
f
2R
C
=
´
(5)
9.3.3 Dead-time Control
The dead-time control input provides control of the minimum dead time (off time). The output of the comparator
inhibits switching transistors Q1 and Q2 when the voltage at the input is greater than the ramp voltage of the
oscillator. An internal offset of 110 mV ensures a minimum dead time of
∼3% with the dead-time control input
grounded. Applying a voltage to the dead-time control input can impose additional dead time. This provides a
linear control of the dead time from its minimum of 3% to 100% as the input voltage is varied from 0 V to 3.3 V,
respectively. With full-range control, the output can be controlled from external sources without disrupting the
error amplifiers. The dead-time control input is a relatively high-impedance input (II < 10 μA) and should be
used where additional control of the output duty cycle is required. However, for proper control, the input must be
terminated. An open circuit is an undefined condition.
9.3.4 Comparator
The comparator is biased from the 5-V reference regulator. This provides isolation from the input supply for
improved stability. The input of the comparator does not exhibit hysteresis, so protection against false triggering
near the threshold must be provided. The comparator has a response time of 400 ns from either of the
control-signal inputs to the output transistors, with only 100 mV of overdrive. This ensures positive control of the
output within one-half cycle for operation within the recommended 300-kHz range.
9.3.5 Pulse-Width Modulation (PWM)
The comparator also provides modulation control of the output pulse width. For this, the ramp voltage across
timing capacitor CT is compared to the control signal present at the output of the error amplifiers. The timing
capacitor input incorporates a series diode that is omitted from the control signal input. This requires the control
www.ti.com
TL494
SLVS074I – JANUARY 1983 – REVISED JULY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TL494



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com