Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWG30 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # SWG30
Description  DC/AC single output ring generator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SWG30 Datasheet(HTML) 2 Page - Artesyn Technologies

  SWG30 Datasheet HTML 1Page - Artesyn Technologies SWG30 Datasheet HTML 2Page - Artesyn Technologies SWG30 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
INPUT
OUTPUT
OUTPUT
OUTPUT
PEAK OUTPUT
TYPICAL EFF.
MODEL
VOLTAGE
VOLTAGE
FREQUENCY
CURRENT (RMS)
DC CURRENT (5)
(MIN)
NUMBER (4)
48VDC
75VAC
25Hz
400mA
260mA
75%
SWG30-48S75C01
48VDC
85VAC
25Hz
350mA
160mA
70%
SWG30-48S85C01
48VDC
90VAC
25Hz
333mA
180mA
70%
SWG30-48S90C01
Notes
1
The SWG30 can operate up to 70°C as long as the maximum case
temperature does not exceed 85°C.
2
The output loading power factor should be greater than 0.85.
3
Measured under resistive load condition at nominal input voltage.
4
All models are available with the suffix ‘/P’ e.g. SWG30-48S75C01/P.
Models with the suffix ‘/P’ have the same specifications as their
corresponding models, except the remote on/off control logic is reversed.
5
Peak output DC current is the DC biased current flowing through the
output. Maximum duration is 1 second.
6
FG pin (pin 5) must be connected to +Vin or -Vin (pins 3 or 4) directly or
through a capacitor greater than 10µF.
7
To meet VDE0871 level A conducted noise, connect a capacitor with a
value >47µF between (+Vin) and (-Vin).
0.63
(16.00)
4.00 Max.
(101.60)
BOTTOM
VIEW
0.40 ±0.05
(10.16)
5
6
11
1
2
3
4
7
8
9
10
3.20
(81.28)
4.00 Max.
(101.60)
ALL DIMENSIONS IN INCHES (mm)
Tolerances unless otherwise specified .xx =
±0.02
0.236
(5.994)
ø0.04 Dia.
(1.02)
PINS
1-6
PINS
7-11
+0, -0.039
1.80
(45.72)
0.40
(10.16)
0.60
(15.24)
0.20
(5.08)
0.20
(5.08)
0.40 ±0.05
(10.16)
PROTECTION
Short circuit protection
Indefinite
Short circuit input current
48VDC, 120mA max.
Overvoltage protection
None
Overcurrent protection set point
600 to 650mA
Undervoltage protection
None
MODEL (4)
REMOTE PIN CONNECTION
OUTPUT
SWG30-48SXXC01
Open Circuit
ON
≤0.4V reference to -Vin
OFF
SWG30-48SXXC01/P
+Vin
ON
Open Circuit
OFF
30VA
DC/AC ring generator
TELEPHONE RING GENERATORS
|
30VA DC/AC
PAGE 173
http://www.artesyn.com
PIN CONNECTIONS
PIN NUMBER
FEATURE
1+ Vin
2+ Vin
3- Vin
4- Vin
5FG (6)
6
Remote ON/OFF
7
+ Vout
8
+ Vout
9
- Vout
10
- Vout
11
No Connection
6



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com