Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWG30 Datasheet(PDF) 3 Page - Artesyn Technologies

Part # SWG30
Description  DC/AC single output ring generator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SWG30 Datasheet(HTML) 3 Page - Artesyn Technologies

  SWG30 Datasheet HTML 1Page - Artesyn Technologies SWG30 Datasheet HTML 2Page - Artesyn Technologies SWG30 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Vin
Vin
1
1
1 +
(1 + R1/R2 )
2
πfCR
1
+
2
πfCR
2
2
()
Fuse
+48Vin
0V
Vout
Return
0V
R1
R2
C
Resistive / capacitive loading
power factor =
1
1 +
2
(
)
power factor =
1
2
πfCR
Vin
Vin
Fuse
0V
-48Vin
Vout
Return
R
C
capacitive loading
0V
-48Vin
(See note 5 for DC biased current condition)
Vin
Vin
Fuse
+48Vin
0V
Vout
Return
capacitive loading
(See note 5 for DC biased current condition)
R
C
0V
+48Vin
Application notes
1
Examples of DC biased operation.
1.1
Non-biased operation.
1.2
Negative DC Biased operation.
1.3
Positive DC biased operation.
PAGE 174
30VA
DC/AC ring generator
30VA DC/AC
|
TELEPHONE RING GENERATORS
Data Sheet © Artesyn Technologies® 2000
The information and specifications contained in this data sheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com