Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWG30 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # SWG30
Description  DC/AC single output ring generator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SWG30 Datasheet(HTML) 1 Page - Artesyn Technologies

  SWG30 Datasheet HTML 1Page - Artesyn Technologies SWG30 Datasheet HTML 2Page - Artesyn Technologies SWG30 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SWG30 SERIES
DC/AC single output ring generator
[ 2 YEAR WARRANTY ]
SPECIFICATION All specifications are typical at nominal input, full load at 25°C unless otherwise stated
PAGE 172
• 30VA of ringer output power
• Short circuit protection
• Operating temperature up to 70°C
• Internal sine wave reference
• Remote ON/OFF control
Measuring just 4.00 x 4.00 x 0.63 inches, the SWG30 design maximizes
efficiency, typically 80% at full load. Operating from any input voltage in the
range 40 to 60VDC, the SWG30 features indefinite short circuit protection and
overcurrent protection features, and has a high MTBF of 300,000 hours
(calculated in accordance with MIL-HDBK-217F) to ensure reliable operation. A
remote on/off control feature facilitates easy systems integration. The SWG30
ring generator has a typical input current of 780mA, and a maximum output
current of 400mA rms, (260mA peak DC current). The series features line and
load regulation of 1% and at full load the maximum output ripple is typically less
than 5V peak-to-peak. The unit has a wide operating temperature range of 0°C
to +70°C and the black coated copper case material meets flammability
standard UL94V-0. The SWG30 has an isolation voltage of 500VDC and an
internal sine-wave reference oscillator.
INPUT NOISE SPECIFICATIONS
Conducted noise
VDE0871, FCC part 15 (Note 7) Level A
GENERAL SPECIFICATIONS
Efficiency
Resistive load
See table
Isolation voltage
500VDC
Switching frequency
Fixed
120kHz, typical
Case material
Black coated copper
Material flammability
UL94V-0
Weight
230g (8.12oz)
MTBF
Demonstrated
300,000 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating temperature
0°C to +70°C
ambient
Derate 2.5%/°C
(See Note 1)
after 50°C, under
Free air convection
cooled
Non-operating
–40°C to +85°C
Cooling
Free air convection
cooled
Relative humidity
Non-condensing
10% to 95% RH
OUTPUT SPECIFICATIONS
Nominal voltage
75VAC, 85VAC, 95VAC
Voltage accuracy
±3.0%
Load regulation (static)
No load to full load
±1.0%
Line regulation
±1.0%
Load impedance
SWG30-48S75C01
188
SWG30-48S85C01
284
SWG30-48S90C01
270
Capacitive load (See Note 2)
30VA
Output frequency
25Hz, ±2Hz
Maximum output current
See table
Output ripple and noise Full load
5V pk-pk
Output ripple frequency Full load
240kHz, nominal
Total harmonic distortion
5.0% max.
Voltage range
±3V
DC offset
±2V max.
INPUT SPECIFICATIONS
Input voltage range
48VDC nominal
40 to 60VDC
Input current
1.1A max. @ 40VDC
Input filter
Pi network
Input undervoltage
48VDC input model
38VDC max.
(output clipped)
Reference input
Internal sine-wave
impedance
reference oscillator
Remote ON/OFF
(See Note 4)


Similar Part No. - SWG30

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
SWG-10108 SPARKFUN-SWG-10108 Datasheet
143Kb / 1P
SparkFun Resistor Chart Sticker
11????7
SWG-11063 SPARKFUN-SWG-11063 Datasheet
73Kb / 1P
SFE Project Notebook - 10 x 7.5 (Black, Grey Pages)
9??4??7
SWG-11064 SPARKFUN-SWG-11064 Datasheet
114Kb / 2P
SFE Project Notebook - 10 x 7.5 (Red, Grey Pages)
9??8??7
logo
Artesyn Technologies
SWG10 ARTESYN-SWG10 Datasheet
43Kb / 2P
DC/AC single output ring generator
SWG10-48S70C04 ARTESYN-SWG10-48S70C04 Datasheet
43Kb / 2P
DC/AC single output ring generator
More results

Similar Description - SWG30

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2751 TI-UCC2751 Datasheet
69Kb / 7P
Single Line Ring Generator Controller
logo
Artesyn Technologies
SWG10 ARTESYN-SWG10 Datasheet
43Kb / 2P
DC/AC single output ring generator
SWG75 ARTESYN-SWG75 Datasheet
60Kb / 4P
DC/AC single output ring generator
logo
Power-One
MPB125-1012 POWER-ONE-MPB125-1012 Datasheet
96Kb / 4P
Single-Output AC-DC
logo
Powerbox
C300 POWERBOX-C300 Datasheet
376Kb / 1P
150 WATTS (AC) DC/DC SINGLE OUTPUT
logo
Make-Ps
CFM05M MAKE-PS-CFM05M Datasheet
391Kb / 2P
Single Output AC/DC Converter
PPM MAKE-PS-PPM Datasheet
209Kb / 4P
Single Output AC/DC Converter
logo
Delta Electronics, Inc.
AA07S DELTA-AA07S Datasheet
213Kb / 4P
7W Single Output AC/DC converter
logo
Integrated Power Design...
GRN-60 IPDPOWER-GRN-60 Datasheet
361Kb / 2P
SINGLE OUTPUT AC-DC
REV. Y 10/6/2022
GRN-360 IPDPOWER-GRN-360 Datasheet
341Kb / 2P
GRN-360 SINGLE OUTPUT AC-DC
REV. KKL 10/7/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com