Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBPC Datasheet(PDF) 10 Page - Linear Technology

Part # LBPC
Description  Precision, 100uA Gain Selectable Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LBPC Datasheet(HTML) 10 Page - Linear Technology

Back Button LBPC Datasheet HTML 6Page - Linear Technology LBPC Datasheet HTML 7Page - Linear Technology LBPC Datasheet HTML 8Page - Linear Technology LBPC Datasheet HTML 9Page - Linear Technology LBPC Datasheet HTML 10Page - Linear Technology LBPC Datasheet HTML 11Page - Linear Technology LBPC Datasheet HTML 12Page - Linear Technology LBPC Datasheet HTML 13Page - Linear Technology LBPC Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LT1996
10
1996f
Consider Figure 1. This shows the LT1996 configured as
a gain of 117 difference amplifier on a single supply with
Figure 3. Calculating Additional Voltage Range of
Inverting Inputs
These two voltages represent the high and low extremes
of the common mode input range, if the other limits have
not already been exceeded (1 and 3, above). In most cases,
the inverting inputs M9 through M81 can be taken further
than these two extremes because doing this does not
move the op amp input common mode. To calculate the
limit on this additional range, see Figure 3. Note that, with
Figure 1. Difference Amplifier Cannot Produce 0V on a Single
Supply. Provide a Negative Supply, or Raise Pin 5, or Provide
400µV of VDM
the output REF connected to ground. This is a great circuit,
but it does not support VDM = 0V at any common mode
because the output clips into ground while trying to
produce 0VOUT. It can be fixed simply by declaring the
valid input differential range not to extend below +0.4mV,
or by elevating the REF pin above 40mV, or by providing
a negative supply.
Calculating Input Voltage Range
Figure 2 shows the LT1996 in the generalized case of a
difference amplifier, with the inputs shorted for the com-
mon mode calculation. The values of RF and RG are
dictated by how the P inputs and REF pin are connected.
By superposition we can write:
VINT = VEXT • (RF/(RF + RG)) + VREF • (RG/(RF + RG))
Or, solving for VEXT:
VEXT = VINT • (1 + RG/RF) – VREF • RG/RF
But valid VINT voltages are limited to VCC – 1.2V and VEE +
1V, so:
MAX VEXT = (VCC – 1.2) • (1 + RG/RF) – VREF • RG/RF
and:
MIN VEXT = (VEE + 1) • (1 + RG/RF) – VREF • RG/RF
Figure 2. Calculating CM Input Voltage Range
VMORE = 0, the op amp output is at VREF. From the max
VEXT (the high cm limit), as VMORE goes positive, the op
amp output will go more negative from VREF by the amount
VMORE • RF/RG, so:
VOUT = VREF – VMORE • RF/RG
Or:
VMORE = (VREF – VOUT) • RG/RF
The most negative that VOUT can go is VEE + 0.04V, so:
Max VMORE = (VREF – VEE – 0.04V) • RG/RF
(should be positive)
The situation where this function is negative, and therefore
problematic, when VREF = 0 and VEE = 0, has already been
dealt with in Figure 1. The strength of the equation is
demonstrated in that it provides the three solutions
APPLICATIO S I FOR ATIO
4pF
4pF
–
+
1996 F01
450k/81
450k/27
450k/9
450k/81
450k/27
450k/9
450k
450k
REF
5V
VCM
2.5V
VDM
0V
–
+
8
7
6
5
4
9
10
1
2
3
LT1996
VOUT = 117 • VDM
4pF
4pF
–
+
VREF
RF
RF
RG
RG
1996 F02
VEXT
VINT
VCC
VEE
–
+
VREF
RF
RF
RG
RG
1996 F03
VEXT
MAX OR MIN
VINT
VMORE
VCC
VEE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com