Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBPC Datasheet(PDF) 6 Page - Linear Technology

Part # LBPC
Description  Precision, 100uA Gain Selectable Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LBPC Datasheet(HTML) 6 Page - Linear Technology

Back Button LBPC Datasheet HTML 2Page - Linear Technology LBPC Datasheet HTML 3Page - Linear Technology LBPC Datasheet HTML 4Page - Linear Technology LBPC Datasheet HTML 5Page - Linear Technology LBPC Datasheet HTML 6Page - Linear Technology LBPC Datasheet HTML 7Page - Linear Technology LBPC Datasheet HTML 8Page - Linear Technology LBPC Datasheet HTML 9Page - Linear Technology LBPC Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LT1996
6
1996f
TYPICAL PERFOR A CE CHARACTERISTICS (Difference Amplifier Configuration)
Output Impedance vs Frequency
CMRR vs Temperature
Gain Error vs Temperature
Bandwidth vs Gain
CMRR vs Frequency
PSRR vs Frequency
Output Offset Voltage vs
Difference Gain
Gain Error vs Load Current
Slew Rate vs Temperature
GAIN (V/V)
9
10.0
7.5
5.0
2.5
0
–2.5
–5.0
–7.5
–10.0
108
81 90 99
117
45
1996 G07
18 27
72
63
54
36
VS = 5V, 0V
REPRESENTATIVE PARTS
LOAD CURRENT (mA)
0
3
5
1996 G08
12
4
0.04
0.03
0.02
0.01
0
–0.01
–0.02
–0.03
–0.04
GAIN = 81
VS = ±15V
VOUT = ±10V
TA = 25°C
REPRESENTATIVE UNITS
TEMPERATURE (°C)
–50
0.30
0.25
0.20
0.15
0.10
0.05
0
25
75
1996 G09
–25
0
50
100
125
GAIN = 9
VS = ±15V
VOUT = ±10V
SR– (FALLING EDGE)
SR+ (RISING EDGE)
GAIN (V/V)
9
40
35
30
25
20
15
10
5
0
27
45
63
81
1996 G10
99
117
18
36
54
72
90
108
VS = 5V, 0V
TA = 25°C
FREQUENCY (Hz)
130
120
110
100
90
80
70
60
50
40
30
20
10
0
10
1k
10k
1M
1996 G11
100
100k
VS = 5V, 0V
TA = 25°C
GAIN = 9
GAIN = 27
GAIN = 81
120
110
100
90
80
70
60
50
40
30
20
10
0
VS = 5V, 0V
TA = 25°C
GAIN = 9
GAIN = 27
FREQUENCY (Hz)
10
1k
10k
1996 G12
100
100k
GAIN = 81
FREQUENCY (Hz)
1
100
1k
100k
10k
1996 G13
10
1000
100
10
1
0.1
0.01
VS = 5V, 0V
TA = 25°C
GAIN = 9
GAIN = 27
GAIN = 81
TEMPERATURE (°C)
–50
120
100
80
60
40
20
0
25
75
1996 G14
–25
0
50
100
125
GAIN = 9
VS = ±15V
REPRESENTATIVE UNITS
TEMPERATURE (°C)
–50
0.030
0.025
0.020
0.015
0.010
0.005
0
25
75
1996 G15
–25
0
50
100
125
GAIN = 9
VS = ±15V
REPRESENTATIVE UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com