Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBPC Datasheet(PDF) 3 Page - Linear Technology

Part # LBPC
Description  Precision, 100uA Gain Selectable Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LBPC Datasheet(HTML) 3 Page - Linear Technology

  LBPC Datasheet HTML 1Page - Linear Technology LBPC Datasheet HTML 2Page - Linear Technology LBPC Datasheet HTML 3Page - Linear Technology LBPC Datasheet HTML 4Page - Linear Technology LBPC Datasheet HTML 5Page - Linear Technology LBPC Datasheet HTML 6Page - Linear Technology LBPC Datasheet HTML 7Page - Linear Technology LBPC Datasheet HTML 8Page - Linear Technology LBPC Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LT1996
3
1996f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CMRR
Common Mode Rejection Ratio (RTI)
VS = ±15V; G = 81; VCM = –14.1V to 13.9V
LT1996AMS
●
105
120
dB
LT1996ADD
●
100
120
dB
LT1996
●
85
120
dB
VCM
Input Voltage Range (Note 7)
P9/M9 Inputs
VS = ±15V; VREF = 0V
●
–15.5
15.3
V
VS = 5V, 0V; VREF = 2.5V
●
0.84
3.94
V
VS = 3V, 0V; VREF = 1.25V
●
0.98
1.86
V
P9/M9 Inputs, P81/M81 Connected to REF
VS = ±15V; VREF = 0V
●
–60
60
V
VS = 5V, 0V; VREF = 2.5V
●
–12.6
15.6
V
VS = 3V, 0V; VREF = 1.25V
●
–1.25
6.8
V
P27/M27 Inputs
VS = ±15V; VREF = 0V
●
–14.5
14.3
V
VS = 5V, 0V; VREF = 2.5V
●
0.95
3.84
V
VS = 3V, 0V; VREF = 1.25V
●
1
1.82
V
P81/M81 Inputs
VS = ±15V; VREF = 0V
●
–14.1
13.9
V
VS = 5V, 0V; VREF = 2.5V
●
0.99
3.81
V
VS = 3V, 0V; VREF = 1.25V
●
1
1.8
V
VOS
Op Amp Offset Voltage (Note 8)
LT1996AMS, VS = 5V, 0V
15
50
µV
●
135
µV
LT1996AMS, VS = ±15V
15
80
µV
●
160
µV
LT1996MS
25
100
µV
●
200
µV
LT1996DD
25
150
µV
●
250
µV
∆VOS/∆T
Op Amp Offset Voltage Drift (Note 6)
●
0.3
1
µV/°C
IB
Op Amp Input Bias Current
2.5
5
nA
●
7.5
nA
IOS
Op Amp Input Offset Current
LT1996A
50
500
pA
●
750
pA
LT1996
50
1000
pA
●
1500
pA
Op Amp Input Noise Voltage
0.01Hz to 1Hz
0.35
µVP-P
0.01Hz to 1Hz
0.07
µVRMS
0.1Hz to 10Hz
0.25
µVP-P
0.1Hz to 10Hz
0.05
µVRMS
en
Input Noise Voltage Density
G = 9; f = 1kHz
46
nV/√Hz
(Includes Resistor Noise)
G = 117; f = 1kHz
18
nV/√Hz
RIN
Input Impedance (Note 10)
P9 (M9 = Ground)
●
350
500
650
kΩ
P27 (M27 = Ground)
●
326.9
467
607.1
kΩ
P81 (M81 = Ground)
●
319.2
456
592.8
kΩ
M9 (P9 = Ground)
●
35
50
65
kΩ
M27 (P27 = Ground)
●
11.69
16.7
21.71
kΩ
M81 (P81 = Ground)
●
3.85
5.5
7.15
kΩ
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. Difference amplifier configuration, VS = 5V, 0V or ±15V;
VCM = VREF = half supply, unless otherwise noted.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com