Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W10NK60Z Datasheet(PDF) 3 Page - STMicroelectronics

Part # W10NK60Z
Description  N-channel 600V - 0.65OHM - 10A - I2/D2PAK - TO-220/FP - TO-247 Zener-protected SuperMESH TM Power MOSFET
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

W10NK60Z Datasheet(HTML) 3 Page - STMicroelectronics

  W10NK60Z Datasheet HTML 1Page - STMicroelectronics W10NK60Z Datasheet HTML 2Page - STMicroelectronics W10NK60Z Datasheet HTML 3Page - STMicroelectronics W10NK60Z Datasheet HTML 4Page - STMicroelectronics W10NK60Z Datasheet HTML 5Page - STMicroelectronics W10NK60Z Datasheet HTML 6Page - STMicroelectronics W10NK60Z Datasheet HTML 7Page - STMicroelectronics W10NK60Z Datasheet HTML 8Page - STMicroelectronics W10NK60Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
STB10NK60Z/-1 - STP10NK60Z/FP - STW10NK60Z
1 Absolute maximum ratings
3/19
Table 3.
Avalanche characteristics
Table 4.
Gate-source zener diode
1.1
PROTECTION FEATURES OF GATE-TO-SOURCE ZENER
DIODES
The built-in back-to-back Zener diodes have specifically been designed to enhance not only the
device’s ESD capability, but also to make them safely absorb possible voltage transients that
may occasionally be applied from gate to source. In this respect the Zener voltage is
appropriate to achieve an efficient and cost-effective intervention to protect the device’s
integrity. These integrated Zener diodes thus avoid the usage of external components.
Symbol
Parameter
Max Value
Unit
IAR
Avalanche Current, repetitive or
Not-Repetitive (pulse width limited by Tj max)
9A
EAS
Single Pulse Avalanche Energy
(starting Tj=25°C, ID=IAR, VDD= 50V)
300
mJ
EAR
Repetitive Avalanche Energy
(pulse width limited by Tj max)
3.5
mJ
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
BVGSO
Gate-Source
Breakdown Voltage
Igs=±1mA
(Open Drain)
30
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com