Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W10NK60Z Datasheet(PDF) 4 Page - STMicroelectronics

Part # W10NK60Z
Description  N-channel 600V - 0.65OHM - 10A - I2/D2PAK - TO-220/FP - TO-247 Zener-protected SuperMESH TM Power MOSFET
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

W10NK60Z Datasheet(HTML) 4 Page - STMicroelectronics

  W10NK60Z Datasheet HTML 1Page - STMicroelectronics W10NK60Z Datasheet HTML 2Page - STMicroelectronics W10NK60Z Datasheet HTML 3Page - STMicroelectronics W10NK60Z Datasheet HTML 4Page - STMicroelectronics W10NK60Z Datasheet HTML 5Page - STMicroelectronics W10NK60Z Datasheet HTML 6Page - STMicroelectronics W10NK60Z Datasheet HTML 7Page - STMicroelectronics W10NK60Z Datasheet HTML 8Page - STMicroelectronics W10NK60Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
2 Electrical characteristics
STB10NK60Z/-1 - STP10NK60Z/FP - STW10NK60Z
4/19
2
Electrical characteristics
(TCASE = 25 °C unless otherwise specified)
Table 5.
On/Off
Table 6.
Dynamic
Table 7.
Switching on/off
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-Source Breakdown
Voltage
ID = 250µA, VGS= 0
600
V
IDSS
Zero Gate Voltage Drain
Current (VGS = 0)
VDS = Max Rating,
1
50
µA
IGSS
Gate Body Leakage Current
(VDS = 0)
VGS = ±15V, VDS = 0
±
10
µA
VGS(th)
Gate Threshold Voltage
VDS= VGS, ID = 250 µA
33.75
4.5
V
RDS(on)
Static Drain-Source On
Resistance
VGS= 10 V, ID= 20 A
0.65
0.75
Ω
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs Note 4
Forward Transconductance
VDS =15V, ID = 4.5A
7.8
S
Ciss
Coss
Crss
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
VDS =25V, f=1 MHz, VGS=0
1370
156
37
pF
pF
pF
Coss eq.
Note 5
Equivalent Ouput Capacitance VGS=0, VDS =0V to 480V
90
pF
Qg
Qgs
Qgd
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
VDD=480V, ID = 8A
VGS =10V
(see Figure 19)
50
10
25
70
nC
nC
nC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on Delay Time
Rise Time
VDD=300 V, ID=4A,
RG=4.7Ω, VGS=10V
(see Figure 20)
20
20
ns
ns
td(off)
tf
Turn-off Delay Time
Fall Time
VDD=300 V, ID=4A,
RG=4.7Ω, VGS=10V
(see Figure 20)
55
30
ns
ns
tr(Voff)
tf
tc
Off-voltage Rise Time
Fall Time
Cross-over Time
VDD=480 V, ID=8A,
RG=4.7Ω, VGS=10V
(see Figure 20)
18
18
36
ns
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com