Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W10NK60Z Datasheet(PDF) 5 Page - STMicroelectronics

Part # W10NK60Z
Description  N-channel 600V - 0.65OHM - 10A - I2/D2PAK - TO-220/FP - TO-247 Zener-protected SuperMESH TM Power MOSFET
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

W10NK60Z Datasheet(HTML) 5 Page - STMicroelectronics

  W10NK60Z Datasheet HTML 1Page - STMicroelectronics W10NK60Z Datasheet HTML 2Page - STMicroelectronics W10NK60Z Datasheet HTML 3Page - STMicroelectronics W10NK60Z Datasheet HTML 4Page - STMicroelectronics W10NK60Z Datasheet HTML 5Page - STMicroelectronics W10NK60Z Datasheet HTML 6Page - STMicroelectronics W10NK60Z Datasheet HTML 7Page - STMicroelectronics W10NK60Z Datasheet HTML 8Page - STMicroelectronics W10NK60Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
STB10NK60Z/-1 - STP10NK60Z/FP - STW10NK60Z
2 Electrical characteristics
5/19
Table 8.
Source drain diode
(1) ISD ≤10A, di/dt ≤200A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX
(2) Pulse width limited by safe operating area
(3) Limited only by maximum temperature allowed
(4) Pulsed: pulse duration = 300µs, duty cycle 1.5%
(5) Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS increases from 0
to 80%
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
ISDMNote 2
Source-drain Current
Source-drain Current (pulsed)
10
36
A
A
VSDNote 4
Forward on Voltage
ISD=10A, VGS=0
1.6
V
trr
Qrr
IRRM
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
ISD=8A, di/dt = 100A/µs,
VDD=40 V, Tj=150°C
570
4.3
15
ns
µC
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com