Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVSW519AT Datasheet(PDF) 22 Page - NICHIA CORPORATION

Part # NVSW519AT
Description  SPECIFICATIONS FOR WHITE LED
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NVSW519AT Datasheet(HTML) 22 Page - NICHIA CORPORATION

Back Button NVSW519AT Datasheet HTML 18Page - NICHIA CORPORATION NVSW519AT Datasheet HTML 19Page - NICHIA CORPORATION NVSW519AT Datasheet HTML 20Page - NICHIA CORPORATION NVSW519AT Datasheet HTML 21Page - NICHIA CORPORATION NVSW519AT Datasheet HTML 22Page - NICHIA CORPORATION NVSW519AT Datasheet HTML 23Page - NICHIA CORPORATION NVSW519AT Datasheet HTML 24Page - NICHIA CORPORATION NVSW519AT Datasheet HTML 25Page - NICHIA CORPORATION NVSW519AT Datasheet HTML 26Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
NICHIA STS-DA1-6102D <Cat.No.210816>
21
OPTICAL CHARACTERISTICS
Part No. NVSW519A
No. STS-DA7-17151
0.0
0.2
0.4
0.6
0.8
1.0
350
400
450
500
550
600
650
700
750
800
Spectrum
Relative Illuminance(a.u.)
相対照度
90°
80°
70°
60°
50°
40°
30°
20°
10°
0°
-10°
-20°
-30°
-40°
-50°
-60°
-70°
-80°
-90°
Directivity1
Spectrum
発光スペクトル
Wavelength(nm)
波長
Directivity
指向特性
1.0
0.5
0.0
0.5
1.0
* The graphs above show the characteristics for R8000 LEDs of this product.
本特性は演色性ランク
R8000に対応しています。
All characteristics shown are for reference only and are not guaranteed.
*
本特性は参考です。
1400mA
IFP =
T
J =25°C
1400mA
IFP =
T
J =25°C
T
cp =3000K
The following graphs show the characteristics measured in pulse mode.
*
パルス駆動により測定しています。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com