Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVSW519AT Datasheet(PDF) 37 Page - NICHIA CORPORATION

Part # NVSW519AT
Description  SPECIFICATIONS FOR WHITE LED
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NVSW519AT Datasheet(HTML) 37 Page - NICHIA CORPORATION

Back Button NVSW519AT Datasheet HTML 33Page - NICHIA CORPORATION NVSW519AT Datasheet HTML 34Page - NICHIA CORPORATION NVSW519AT Datasheet HTML 35Page - NICHIA CORPORATION NVSW519AT Datasheet HTML 36Page - NICHIA CORPORATION NVSW519AT Datasheet HTML 37Page - NICHIA CORPORATION NVSW519AT Datasheet HTML 38Page - NICHIA CORPORATION NVSW519AT Datasheet HTML 39Page - NICHIA CORPORATION NVSW519AT Datasheet HTML 40Page - NICHIA CORPORATION NVSW519AT Datasheet HTML 41Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
NICHIA STS-DA1-6102D <Cat.No.210816>
36
FORWARD CURRENT CHARACTERISTICS / TEMPERATURE CHARACTERISTICS
Part No. NVSW519A
No. STS-DA7-16979A
0.33
0.34
0.35
0.36
0.37
0.32
0.33
0.34
0.35
0.36
Taxy
-40˚C
0˚C
25˚C
85˚C
105˚C
150˚C
0.33
0.34
0.35
0.36
0.37
0.32
0.33
0.34
0.35
0.36
Ifxy
100mA
350mA
1400mA
2200mA
2400mA
Junction Temperature vs
ジャンクション温度
-色度 特性
Chromaticity Coordinate
Forward Current vs
順電流
-色度 特性
Chromaticity Coordinate
* The graphs above show the characteristics for R8000 LEDs of this product.
本特性は演色性ランク
R8000に対応しています。
x
x
T
J =25°C
Tcp =5000K
1400mA
IFP =
Tcp =5000K
*
本特性は参考です。
All characteristics shown are for reference only and are not guaranteed.
*
パルス駆動により測定しています。
The following graphs show the characteristics measured in pulse mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com