Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVSW519AT Datasheet(PDF) 32 Page - NICHIA CORPORATION

Part # NVSW519AT
Description  SPECIFICATIONS FOR WHITE LED
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NVSW519AT Datasheet(HTML) 32 Page - NICHIA CORPORATION

Back Button NVSW519AT Datasheet HTML 28Page - NICHIA CORPORATION NVSW519AT Datasheet HTML 29Page - NICHIA CORPORATION NVSW519AT Datasheet HTML 30Page - NICHIA CORPORATION NVSW519AT Datasheet HTML 31Page - NICHIA CORPORATION NVSW519AT Datasheet HTML 32Page - NICHIA CORPORATION NVSW519AT Datasheet HTML 33Page - NICHIA CORPORATION NVSW519AT Datasheet HTML 34Page - NICHIA CORPORATION NVSW519AT Datasheet HTML 35Page - NICHIA CORPORATION NVSW519AT Datasheet HTML 36Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
NICHIA STS-DA1-6102D <Cat.No.210816>
31
FORWARD CURRENT CHARACTERISTICS / TEMPERATURE CHARACTERISTICS
Part No. NVSW519A
No. STS-DA7-18132
2.0
2.5
3.0
3.5
-60 -30
0
30
60
90 120 150 180
TaVf
0.4
0.6
0.8
1.0
1.2
1.4
-60 -30
0
30
60
90 120 150 180
TaIv
0
500
1000
1500
2000
2500
3000
2.0
2.5
3.0
3.5
VfIf
1400
2400
Junction Temperature vs
Relative Luminous Flux
ジャンクション温度
-相対光束特性
0.0
0.5
1.0
1.5
2.0
2.5
0
500 1000 1500 2000 2500 3000
IfIv
Forward Current vs
Relative Luminous Flux
順電流
-相対光束特性
Forward Current(mA)
順電流
Forward Voltage vs
Forward Current
順電圧
-順電流特性
Junction Temperature vs
Forward Voltage
ジャンクション温度
-順電圧特性
Forward Voltage(V)
順電圧
Junction Temperature(°C)
ジャンクション温度
Junction Temperature(°C)
ジャンクション温度
All characteristics shown are for reference only and are not guaranteed.
*
本特性は参考です。
* The graphs above show the characteristics for 5000K~5700K, R9080 LEDs of this product.
本特性は色温度
5000K~5700K、演色性ランクR9080に対応しています。
T
J =25°C
T
J =25°C
IFP=1400mA
IFP=1400mA
The following graphs show the characteristics measured in pulse mode.
*
パルス駆動により測定しています。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com