Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4420CAT Datasheet(PDF) 2 Page - Microchip Technology

Part # TC4420CAT
Description  6A HIGH-SPEED MOSFET DRIVERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4420CAT Datasheet(HTML) 2 Page - Microchip Technology

  TC4420CAT Datasheet HTML 1Page - Microchip Technology TC4420CAT Datasheet HTML 2Page - Microchip Technology TC4420CAT Datasheet HTML 3Page - Microchip Technology TC4420CAT Datasheet HTML 4Page - Microchip Technology TC4420CAT Datasheet HTML 5Page - Microchip Technology TC4420CAT Datasheet HTML 6Page - Microchip Technology TC4420CAT Datasheet HTML 7Page - Microchip Technology TC4420CAT Datasheet HTML 8Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
6A HIGH-SPEED MOSFET DRIVERS
TC4420
TC4429
TC4420/9-6 10/18/96
© 2001 Microchip Technology Inc.
DS21419A
ELECTRICAL CHARACTERISTICS: TA = +25°C with 4.5V ≤ VDD ≤ 18V, unless otherwise specified.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Input
VIH
Logic 1 High Input Voltage
2.4
1.8
—
V
VIL
Logic 0 Low Input Voltage
—
1.3
0.8
V
VIN (Max)
Input Voltage Range
– 5
—
VDD +0.3
V
IIN
Input Current
0V
≤ VIN ≤ VDD
– 10
—
10
µA
Output
VOH
High Output Voltage
See Figure 1
VDD – 0.025
——
V
VOL
Low Output Voltage
See Figure 1
——
0.025
V
RO
Output Resistance, High
IOUT = 10 mA, VDD = 18V
—
2.1
2.8
Ω
RO
Output Resistance, Low
IOUT = 10 mA, VDD = 18V
—
1.5
2.5
Ω
IPK
Peak Output Current
VDD = 18V (See Figure 5)
—
6
—
A
IREV
Latch-Up Protection
Duty Cycle
≤ 2%
1.5
——
A
Withstand Reverse Current
t
≤ 300µsec
Switching Time (Note 1)
tR
Rise Time
Figure 1, CL = 2500pF
—
25
35
nsec
tF
Fall Time
Figure 1, CL = 2500pF
—
25
35
nsec
tD1
Delay Time
Figure 1
—
55
75
nsec
tD2
Delay Time
Figure 1
—
55
75
nsec
Power Supply
IS
Power Supply Current
VIN = 3V
—
0.45
1.5
mA
VIN = 0V
—
55
150
µA
VDD
Operating Input Voltage
4.5
—
18
V
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage ......................................................... +20V
Input Voltage ............................................... – 5V to > VDD
Input Current (VIN > VDD) .........................................50mA
Power Dissipation, (TA ≤ 70°C)
PDIP ............................................................... 730mW
SOIC ............................................................... 470mW
CerDIP ............................................................ 800mW
5-Pin TO-220 ...................................................... 1.6W
Package Power Dissipation, TC ≤ 25°C
5-Pin TO-220 (With Heat Sink) ......................... 12.5W
Derating Factors (To Ambient)
PDIP ............................................................. 8mW/
°C
SOIC ............................................................. 4mW/
°C
CerDIP ....................................................... 6.4mW/
°C
5-Pin TO-220 .............................................. 12mW/
°C
Thermal Impedances (To Case)
5-Pin TO-220 RθJ-C ...................................................... 10°C/W
Storage Temperature Range ................ – 65
°C to +150°C
Operating Temperature (Chip) .............................. +150
°C
Operating Temperature Range (Ambient)
C Version ............................................... 0
°C to +70°C
I Version ........................................... – 25
°C to +85°C
E Version .......................................... – 40
°C to +85°C
M Version ....................................... – 55
°C to +125°C
Lead Temperature (Soldering, 10 sec) ................. +300
°C
*Static-sensitive device. Unused devices must be stored in conductive
material. Protect devices from static discharge and static fields.
Stresses above those listed under "Absolute Maximum Ratings" may
cause permanent damage to the device. These are stress ratings only
and functional operation of the device at these or any other conditions
above those indicated in the operation sections of the specifications is
not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com