Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4420CAT Datasheet(PDF) 1 Page - Microchip Technology

Part # TC4420CAT
Description  6A HIGH-SPEED MOSFET DRIVERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4420CAT Datasheet(HTML) 1 Page - Microchip Technology

  TC4420CAT Datasheet HTML 1Page - Microchip Technology TC4420CAT Datasheet HTML 2Page - Microchip Technology TC4420CAT Datasheet HTML 3Page - Microchip Technology TC4420CAT Datasheet HTML 4Page - Microchip Technology TC4420CAT Datasheet HTML 5Page - Microchip Technology TC4420CAT Datasheet HTML 6Page - Microchip Technology TC4420CAT Datasheet HTML 7Page - Microchip Technology TC4420CAT Datasheet HTML 8Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TC4420
TC4429
TC4420/9-6 10/18/96
© 2001 Microchip Technology Inc.
DS21419A
6A HIGH-SPEED MOSFET DRIVERS
ORDERING INFORMATION
Temperature
Part No.
Logic
Package
Range
TC4420CAT
Noninverting
5-Pin TO-220
0
°C to +70°C
TC4420COA
Noninverting
8-Pin SOIC
0
°C to +70°C
TC4420CPA
Noninverting
8-Pin PDIP
0
°C to +70°C
TC4420EOA
Noninverting
8-Pin SOIC
– 40
°C to +85°C
TC4420EPA
Noninverting
8-Pin PDIP
– 40
°C to +85°C
TC4420IJA
Noninverting
8-Pin CerDIP
–25
°C to +85°C
TC4420MJA
Noninverting
8-Pin CerDIP – 55
°C to +125°C
TC4429CAT
Inverting
5-Pin TO-220
0
°C to +70°C
TC4429COA
Inverting
8-Pin SOIC
0
°C to +70°C
TC4429CPA
Inverting
8-Pin PDIP
0
°C to +70°C
TC4429EOA
Inverting
8-Pin SOIC
– 40
°C to +85°C
TC4429EPA
Inverting
8-Pin PDIP
– 40
°C to +85°C
TC4429IJA
Inverting
8-Pin CerDIP
– 25
°C to +85°C
TC4429MJA
Inverting
8-Pin CerDIP – 55
°C to +125°C
FEATURES
s
Latch-Up Protected ............ Will Withstand >1.5A
Reverse Output Current
s
Logic Input Will Withstand Negative Swing Up
to 5V
s
ESD Protected ..................................................... 4kV
s
Matched Rise and Fall Times ...................... 25nsec
s
High Peak Output Current ......................... 6A Peak
s
Wide Operating Range .......................... 4.5V to 18V
s
High Capacitive Load Drive ...................... 10,000pF
s
Short Delay Time ................................. 55nsec Typ.
s
Logic High Input, Any Voltage ............. 2.4V to VDD
s
Low Supply Current With Logic "1" Input ... 450
µA
s
Low Output Impedance .................................... 2.5
Ω
s
Output Voltage Swing to Within 25mV of Ground
or VDD
APPLICATIONS
s
Switch-Mode Power Supplies
s
Motor Controls
s
Pulse Transformer Driver
s
Class D Switching Amplifiers
Tab is
Connected
to VDD
8-Pin DIP
TO-220-5
TC4420
TC4429
8-Pin SOIC
NOTE: Duplicate pins must both be connected for proper operation.
18
27
36
45
GND
GND
NC
INPUT
VDD
OUTPUT
OUTPUT
VDD
18
27
36
45
GND
GND
NC
INPUT
VDD
OUTPUT
OUTPUT
VDD
TC4420
TC4429
TC4420
TC4429
500
µA
OUTPUT
INPUT
GND
EFFECTIVE
INPUT
C = 38 pF
VDD
300 mV
TC4429
TC4420
4.7V
GENERAL DESCRIPTION
The TC4420/4429 are 6A (peak), single output MOSFET
drivers. The TC4429 is an inverting driver (pin-compatible
with the TC429), while the TC4420 is a non-inverting driver.
These drivers are fabricated in CMOS for lower power, more
efficient operation versus bipolar drivers.
Both devices have TTL-compatible inputs, which can be
driven as high as VDD + 0.3V or as low as – 5V without upset
or damage to the device. This eliminates the need for
external level shifting circuitry and its associated cost and
size. The output swing is rail-to-rail ensuring better drive
voltage margin, especially during power up/power down
sequencing. Propagational delay time is only 55nsec (typ.)
and the output rise and fall times are only 25nsec (typ.) into
2500pF across the usable power supply range.
Unlike other drivers, the TC4420/4429 are virtually
latch-up proof. They replace three or more discrete compo-
nents saving PCB area, parts and improving overall system
reliability.
FUNCTIONAL BLOCK DIAGRAM
PIN CONFIGURATIONS


Similar Part No. - TC4420CAT

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4420CAT TELCOM-TC4420CAT Datasheet
64Kb / 5P
6A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC4420CAT MICROCHIP-TC4420CAT Datasheet
64Kb / 8P
6A HIGH-SPEED MOSFET DRIVERS
2002-2012
TC4420CAT MICROCHIP-TC4420CAT Datasheet
342Kb / 20P
6A High-Speed MOSFET Drivers
2004
TC4420CAT MICROCHIP-TC4420CAT Datasheet
378Kb / 22P
6A High-Speed MOSFET Drivers
2002-2012 11/27/12
More results

Similar Description - TC4420CAT

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4420 TELCOM-TC4420 Datasheet
64Kb / 5P
6A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC4420 MICROCHIP-TC4420 Datasheet
64Kb / 8P
6A HIGH-SPEED MOSFET DRIVERS
2002-2012
logo
Alpha Industries
AS4420 ALPHA-AS4420 Datasheet
268Kb / 5P
6A, High Speed MOSFET Drivers
logo
ON Semiconductor
NCP4420 ONSEMI-NCP4420 Datasheet
78Kb / 8P
6A High-Speed MOSFET Drivers
June, 2000 ??Rev. 0
logo
Microchip Technology
TC4420 MICROCHIP-TC4420_04 Datasheet
342Kb / 20P
6A High-Speed MOSFET Drivers
2004
TC4420M MICROCHIP-TC4420M Datasheet
206Kb / 18P
6A High-Speed MOSFET Drivers
2005
MCP1406 MICROCHIP-MCP1406 Datasheet
904Kb / 22P
6A High-Speed Power MOSFET Drivers
2006
logo
Micrel Semiconductor
MIC44F18 MICREL-MIC44F18 Datasheet
605Kb / 13P
6A High Speed MOSFET Drivers
logo
Microchip Technology
TC4420 MICROCHIP-TC4420 Datasheet
378Kb / 22P
6A High-Speed MOSFET Drivers
2002-2012 11/27/12
MCP1406 MICROCHIP-MCP1406_16 Datasheet
764Kb / 30P
6A High-Speed Power MOSFET Drivers
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com