Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4420CAT Datasheet(PDF) 4 Page - Microchip Technology

Part # TC4420CAT
Description  6A HIGH-SPEED MOSFET DRIVERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4420CAT Datasheet(HTML) 4 Page - Microchip Technology

  TC4420CAT Datasheet HTML 1Page - Microchip Technology TC4420CAT Datasheet HTML 2Page - Microchip Technology TC4420CAT Datasheet HTML 3Page - Microchip Technology TC4420CAT Datasheet HTML 4Page - Microchip Technology TC4420CAT Datasheet HTML 5Page - Microchip Technology TC4420CAT Datasheet HTML 6Page - Microchip Technology TC4420CAT Datasheet HTML 7Page - Microchip Technology TC4420CAT Datasheet HTML 8Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
6A HIGH-SPEED MOSFET DRIVERS
TC4420
TC4429
TC4420/9-6 10/18/96
© 2001 Microchip Technology Inc.
DS21419A
TYPICAL CHARACTERISTICS
60
40
20
10
1000
10,000
CAPACITIVE LOAD (pF)
V
= 18V
DD
Fall Time vs. Capacitive Load
80
100
V
= 12V
DD
V
= 5V
DD
50
40
30
20
10
0
–60
–20
20
60
100
140
TA (°C)
D1
t
D2
t
Propagation Delay Time
vs. Temperature
0
100
1000
10,000
CAPACITIVE LOAD (pF)
Supply Current vs. Capacitive Load
C = 2200 pF
L
V
= 18V
DD
84
70
56
42
28
14
0
500 kHz
200 kHz
20 kHz
V
= 15V
DD
65
60
55
50
45
40
35
4
6
8
10
121416
18
SUPPLY VOLTAGE (V)
Propagation Delay Time
vs. Supply Voltage
tD2
tD1
V
= 12V
DD
V
= 5V
DD
60
40
20
10
1000
10,000
CAPACITIVE LOAD (pF)
V
= 18V
DD
Rise Time vs. Capacitive Load
80
100
100
0
0
100
1000
10,000
FREQUENCY (kHz)
Supply Current vs. Frequency
10
1000
18V
10V
5V
C = 2200 pF
L
–60
–20
20
60
100
140
TA (°C)
57
9
11
13
15
V
(V)
DD
57
9
11
13
15
t
RISE
t
50
40
30
20
10
0
Rise and Fall Times vs. Temperature
C = 2200 pF
V
= 18V
DD
FALL
V
(V)
DD
C = 2200 pF
L
120
100
80
60
40
20
0
Rise Time vs. Supply Voltage
C = 4700 pF
L
C = 10,000 pF
L
C = 2200 pF
L
Fall Time vs. Supply Voltage
C = 4700 pF
L
C = 10,000 pF
L
100
80
60
40
20
0
L



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com