Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FD-R33EG Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # FD-R33EG
Description  Digital Fiber Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FD-R33EG Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button FD-R33EG Datasheet HTML 19Page - List of Unclassifed Manufacturers FD-R33EG Datasheet HTML 20Page - List of Unclassifed Manufacturers FD-R33EG Datasheet HTML 21Page - List of Unclassifed Manufacturers FD-R33EG Datasheet HTML 22Page - List of Unclassifed Manufacturers FD-R33EG Datasheet HTML 23Page - List of Unclassifed Manufacturers FD-R33EG Datasheet HTML 24Page - List of Unclassifed Manufacturers FD-R33EG Datasheet HTML 25Page - List of Unclassifed Manufacturers FD-R33EG Datasheet HTML 26Page - List of Unclassifed Manufacturers FD-R33EG Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
161 DigitalFiberSensorFX-300SERIES
Selection
Guide
Fibers
Fiber
Amplifiers
FX-500
FX-100
FX-300
FX-410
FX-311
FX-301-F7/
FX-301-F
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
ELECTRICITY
PREVENTION
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
CONSUMPTION
VISUALIZATION
COMPONENTS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
For FX-305(P)
The
FX-305(P) is equipped with two independent outputs, but
the items that can be set in output 1 and output 2 respectively
are only the following.
The items other than those are common.
1
Threshold value 2 Output operation
3
Timer operation and Timer period 4 Sensing mode
Teaching
• The threshold values can be set by 2-point teaching, limit
teaching, full-auto teaching or window comparator mode
(1-point, 2-point, 3-point teaching) [only for
FX-305(P)],
when the MODE indicator / TEACH (yellow) lights up.
• This is the method of setting the threshold value by teaching
two levels, corresponding to the object present and object
absent conditions. Normally, setting is done by this method.
Step
Description
Display
Set the fiber within the
sensing range.
Press MODE key to light
up MODE indicator /
TEACH (yellow).
For
FX-305(P), select either Output 1 “
” or
Output 2 “
” beforehand, press jog switch
in the object present condition.
If the teaching is accepted, the read incident
light intensity blinks in the digital display.
Beam
blocked condition
Thru-beam type
Reflective type
Mark
Background
MODE indicator / TEACH (yellow) blinks.
Press jog switch in the object absent condition.
Beam
incident condition
Mark
Background
Thru-beam type Reflective type
If the teaching is accepted, the read incident
light intensity blinks in the digital display
and the threshold value is set at the mid-
value between the incident light intensities
in the object present and the object absent
conditions. After this, the judgment on the
stability of sensing is displayed.
•
In case stable sensing is possible: “
” is displayed.
•
In case stable sensing is not possible: “
” blinks.
The threshold value is displayed.
“
” blinks in the digital display.
(only
FX-301B/G/H)
The incident light intensity appears in the
digital display and the setting is complete.
Notes: 1) Do not move or bend the fiber cable after the sensitivity setting.
Detection may become unstable.
2) In case a reflective-type fiber is used, maximum sensitivity will be
set if the jog switch is pushed while in no work status in procedure
and .
Step
Description
Display
Set the fiber within the
sensing range.
Press MODE key to light
up MODE indicator /
TEACH (yellow).
For
FX-305(P), select either Output 1 “
” or
Output 2 “
” beforehand, press the jog switch
continuously for 0.5 sec. or more with the object
moving on the assembly line. (The incident light
intensity is displayed during sampling.)
“
” is displayed on the digital display. Release
the jog switch when the object has passed.
If the teaching is accepted, the read incident
light intensity blinks in the digital display
and the threshold value is set at the mid-
value between the incident light intensities
in the object present and the object absent
conditions. After this, the judgment on the
stability of sensing is displayed.
•
In case stable sensing is possible: “
” is displayed.
•
In case stable sensing is not possible: “
” blinks.
The threshold value is displayed.
“
” blinks in the digital display.
(only
FX-301B/G/H)
The incident light intensity appears in the
digital display and the setting is complete.
Notes: 1) The threshold value’s shift amount can be selected in PRO mode.
Refer to the “PRO Mode Operation Guide” for more details
pertaining to setting instructions. (Increments of 5 % between –45
and 45 % for setting possible. 0 % default.)
2) Do not move or bend the fiber cable after the sensitivity setting.
Detection may become unstable.
In case of 2-point teaching
• Full auto-teaching is used when it is desired to set the
threshold value without stopping the assembly line, with
the object in the moving condition.
In case of full auto-teaching
Refer to p.1458~ for general precautions and to the “PRO mode operation guide”
on our website for details pertaining to operating instructions for the amplifier.
PRECAUTIONS FOR PROPER USE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com