Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FD-R33EG Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # FD-R33EG
Description  Digital Fiber Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FD-R33EG Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button FD-R33EG Datasheet HTML 20Page - List of Unclassifed Manufacturers FD-R33EG Datasheet HTML 21Page - List of Unclassifed Manufacturers FD-R33EG Datasheet HTML 22Page - List of Unclassifed Manufacturers FD-R33EG Datasheet HTML 23Page - List of Unclassifed Manufacturers FD-R33EG Datasheet HTML 24Page - List of Unclassifed Manufacturers FD-R33EG Datasheet HTML 25Page - List of Unclassifed Manufacturers FD-R33EG Datasheet HTML 26Page - List of Unclassifed Manufacturers FD-R33EG Datasheet HTML 27Page - List of Unclassifed Manufacturers FD-R33EG Datasheet HTML 28Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
163 DigitalFiberSensorFX-300SERIES
Selection
Guide
Fibers
Fiber
Amplifiers
FX-500
FX-100
FX-300
FX-410
FX-311
FX-301-F7/
FX-301-F
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
ELECTRICITY
PREVENTION
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
CONSUMPTION
VISUALIZATION
COMPONENTS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
PRECAUTIONS FOR PROPER USE
Peripheral units that can be combined
Function table for FX-300 series
Previous models
New models
Standard type
High-function type High-speed type
Standard type
High-speed type High-function type
FX-301(P)
(Previous version unit)
FX-302(P)
FX-303(P)
FX-301(P)
(Updated version unit)
FX-301(P)-HS
FX-305(P)
Four-chemical emitting element + APC circuit
No
No
No
Yes
Yes
Yes
Four-chemical emitting element only
Yes (Note)
Yes
Yes
–
–
–
Light emitting amount selection function
No
No
No
Yes
Yes
Yes
Reduced intensity mode (S-D)
Yes (Note)
Yes
No
Yes
Yes
–
9,999 digit display
No
No
No
No
No
Yes
Response time (Max. speed)
150 μs
300 μs
90 μs
65 μs
35 μs
65 μs
Interference prevention function (Effective no. of units)
Incorporated (4)
Incorporated (8)
Not incorporated (0)
Incorporated (4)
Not incorporated (0)
Incorporated (16)
Independent 2 outputs
No
No
No
No
No
Yes
Alarm output function
No
No
No
No
No
Yes
Error output function
No
No
No
No
No
Yes
Differential sensing
No
No
No
No
No
Yes
Window comparator mode
No
Yes
No
No
No
Yes
Bank selection unit
FX-CH(-P)
Yes
Yes
No
No
No
No
External input unit
FX-CH2(-P)
No
No
No
Yes
No
Yes
Upper communication unit
SC-GU1-485
No
No
No
Yes
No
Yes
Note: Except
FX-301B/G/H.
Wiring
Key-lock function
• Make sure that the power supply is off while wiring.
• Verify that the supply voltage variation is within the rating.
• Take care that if a voltage exceeding the rated range is
applied, or if an AC power supply is directly connected,
the product may get burnt or damaged.
• If power is supplied from a commercial switching
regulator, ensure that the frame ground (F.G.) terminal of
the power supply is connected to an actual ground.
• In case noise generating equipment (switching regulator,
inverter motor, etc.) is used in the vicinity of this
product, connect the frame ground (F.G.) terminal of the
equipment to an actual ground.
• Take care that short circuit of the load wrong wiring may
burn or damage the product.
• Do not run the wires together with high-voltage lines or
power lines or put them in the same raceway. This can
cause malfunction due to induction.
• Make sure to use an isolation transformer for the DC
power supply. If an autotransformer (single winding
transformer) is used, this product or the power supply
may get damaged.
• Make sure to use the optional quick-connection cable for
the connection of the amplifier. Extension up to total 100
m 328.084 ft is possible with 0.3 mm2, or more, cable.
(5-8 unit expansion: 50 m 164.042 ft, 9-16 unit
expansion: 20 m 65.617 ft) However, in order to reduce
noise, make the wiring as short as possible.
• Note that the residual voltage will increase when the
cable is extended.
• If jog switch and MODE key are pressed for more than
2 sec. at the same time in ‘RUN’ mode condition, the
key operations are locked, and only the threshold value
confirmation function or the adjust function (valid only
when the adjust lock function is canceled) is valid.
To cancel the lock function, press both the keys for more
than 2 sec. once again.
Others
• When the emission halt of the light emitting amount
selection function is set from “OFF” to “ON”, the output
may be unstable. Do not use the output control for 0.5
sec. after starting emission.
• Do not use during the initial transient time (0.5 sec.) after
the power supply is switched on.
• Take care that the sensor is not directly exposed to
fluorescent lamp from a rapid-starter lamp, a high
frequency lighting device or sunlight etc. , as it may affect
the sensing performance.
• Do not use this sensor in places having excessive vapor,
dust, etc., or where it may come in contact with corrosive
gas.
• Take care that the product does not come in direct
contact with water, oil, grease, or organic solvents, such
as, thinner, etc.
• This sensor cannot be used in an environment containing
inflammable or explosive gases.
• Never disassemble or modify the sensor.
Note: 3 seconds or more for
FX-301B/G/H(P).
Refer to p.1458~ for general precautions and to the “PRO mode operation guide”
on our website for details pertaining to operating instructions for the amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com