Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FD-R33EG Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # FD-R33EG
Description  Digital Fiber Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FD-R33EG Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button FD-R33EG Datasheet HTML 20Page - List of Unclassifed Manufacturers FD-R33EG Datasheet HTML 21Page - List of Unclassifed Manufacturers FD-R33EG Datasheet HTML 22Page - List of Unclassifed Manufacturers FD-R33EG Datasheet HTML 23Page - List of Unclassifed Manufacturers FD-R33EG Datasheet HTML 24Page - List of Unclassifed Manufacturers FD-R33EG Datasheet HTML 25Page - List of Unclassifed Manufacturers FD-R33EG Datasheet HTML 26Page - List of Unclassifed Manufacturers FD-R33EG Datasheet HTML 27Page - List of Unclassifed Manufacturers FD-R33EG Datasheet HTML 28Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
Digital Fiber Sensor
FX-300 SERIES
164
Selection
Guide
Fibers
Fiber
Amplifiers
FX-500
FX-100
FX-300
FX-410
FX-311
FX-301-F7/
FX-301-F
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
ELECTRICITY
PREVENTION
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
CONSUMPTION
VISUALIZATION
COMPONENTS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
A difference between the updated version unit and
the previous version unit for FX-301(P) (Red LED type)
• The product has been modified as shown below since its
production in June 2004.
Changes in appearance
Before change
After change
Top view
Top view
Side view
Side view
Name
plate
Display
Uses special parts
* “NAVI” is printed on the both sides
Added to
name plate
Change in shape
of jog switch
* “NAVI” is printed only on a side
• Checking minor changes between previous and
updated models can be done by checking whether the
printing is on both sides or only one side.
Upgraded functions
1. Response times added
An ultra high-speed mode (H-SP) has been added to
the existing 4 response time modes [high-speed (FAST),
reduced intensity (S-D), standard (STD) and long range
(LONG)].
This is changed using “
” in “
”
2. Extension of timer period
The setting range for the timer period was previously
500 ms, but this has been extended to a new range of
9,999 ms.
Changes in operation
1. Timer selection method
Previous version unit: Timer type was changed using PRO1 mode.
The “TIMER” setting in NAVI mode could
only be turned on or off.
After change: The type of timer can be changed using the “TIMER”
function in NAVI mode.
2. Checking threshold value in RUN mode
The threshold values can be checked by turning the jog switch.
Display changes
1. Checking blinking of sensitivity surplus
The stable surplus display method after teaching has been changed.
Previous version unit: Sensitivity surplus is indicated by the number
of blinks of the stability indicator
.
Digital display only
After change
2. Initial direct code value changed
The factory default settings for the direct codes have been changed.
* The default setting for the timer period is 10 ms, and the direct code for
10 ms is “4”, so this has been changed.
Internal circuit changes
1. Addition of an APC circuit
A four-chemical emitting element which provides stable
sensing over long periods has been added, as well
as an APC (Auto Power Control) circuit that improves
stability during short periods.
•
•
•
Cautions on sensor connection in cascade
When connecting the previous version unit (including
FX-301B/G/H) and updated version unit to be used in a
cascade, refer to “
Cautions on sensor connection in
cascade”.
4. Backup, copy lock and key lock functions added
Backup: This selects whether or not threshold values
set by teaching are written to (stored in) an
EEPROM.
Copy lock: This selects whether copy function and data
bank function communication are possible or
not.
Key lock: This disables input using switches to prevent
accidental changing of settings.
3. Light emitting amount selection function
The light emitting amount can be changed to one of
4 levels (5 levels when emission halt is included).
Previous version unit 0000
After change 0004
PRECAUTIONS FOR PROPER USE
Before change
After change
4 steps
150 s (FAST)
250 s (S-D)
250 s (STD)
2 ms (LONG)
5 steps
150 s (FAST)
65 s (added) (H-SP)
250 s (S-D)
250 s (STD)
2 ms (LONG)
Refer to p.1458~ for general precautions and to the “PRO mode operation guide”
on our website for details pertaining to operating instructions for the amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com