Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLMP-CB11-R0DDD Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HLMP-CB11-R0DDD
Description  T-1 3/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-CB11-R0DDD Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HLMP-CB11-R0DDD Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-CB11-R0DDD Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-CB11-R0DDD Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-CB11-R0DDD Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-CB11-R0DDD Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-CB11-R0DDD Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-CB11-R0DDD Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-CB11-R0DDD Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-CB11-R0DDD Datasheet HTML 9Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Device Selection Guide
Typical
Viewing Angle,
Intensity (cd) at 20 mA
Package
Part Number
Color
2q1/2 (Degree)
Min.
Max.
Standoff
Dimension
Lens
HLMP-CB11-TW0xx
Blue
15
2.5
7.2
No
A
Clear
HLMP-CB11-UVAxx
Blue
15
3.2
5.5
No
A
Clear
HLMP-CB12-TW0xx
Blue
15
2.5
7.2
Yes
B
Clear
HLMP-CM11-Y20xx
Green
15
9.3
27.0
No
A
Clear
HLMP-CM11-Z1Cxx
Green
15
12.0
21.0
No
A
Clear
HLMP-CM12-Y20xx
Green
15
9.3
27.0
Yes
B
Clear
HLMP-CE11-X10xx
Cyan
15
7.2
21.0
No
A
Clear
HLMP-CE12-X10xx
Cyan
15
7.2
21.0
Yes
B
Clear
HLMP-CB26-SV0xx
Blue
23
1.9
5.5
No
A
Clear
HLMP-CB26-TUDxx
Blue
23
2.5
4.2
No
A
Clear
HLMP-CB27-SV0xx
Blue
23
1.9
5.5
Yes
B
Clear
HLMP-CM26-X10xx
Green
23
7.2
21.0
No
A
Clear
HLMP-CM26-YZCxx
Green
23
9.3
16.0
No
A
Clear
HLMP-CM27-X10xx
Green
23
7.2
21.0
Yes
B
Clear
HLMP-CE26-WZ0xx
Cyan
23
5.5
16.0
No
A
Clear
HLMP-CE27-WZ0xx
Cyan
23
5.5
16.0
Yes
B
Clear
HLMP-CB36-QT0xx
Blue
30
1.15
3.2
No
A
Clear
HLMP-CB36-RSAxx
Blue
30
1.5
2.5
No
A
Clear
HLMP-CB37-RU0xx
Blue
30
1.5
4.2
Yes
B
Clear
HLMP-CB37-RSDxx
Blue
30
1.5
2.5
Yes
B
Clear
HLMP-CM36-X10xx
Green
30
7.2
21.0
No
A
Clear
HLMP-CM36-XYCxx
Green
30
7.2
12.0
No
A
Clear
HLMP-CM37-X10xx
Green
30
7.2
21.0
Yes
B
Clear
HLMP-CM37-XYCxx
Green
30
7.2
12.0
Yes
B
Clear
HLMP-CM37-XYDxx
Green
30
7.2
12.0
Yes
B
Clear
HLMP-CE36-WZ0xx
Cyan
30
5.5
16.0
No
A
Clear
HLMP-CE37-WZ0xx
Cyan
30
5.5
16.0
Yes
B
Clear
Notes:
1. Tolerance for luminous intensity measurement is
±15%.
2. The luminous intensity is measured on the mechanical axis of the lamp package.
3. The optical axis is closely aligned with the package mechanical axis.
4. LED light output is bright enough to cause injuries to the eyes. Precautions must be taken to prevent looking directly at the LED without proper
safety equipment.
5. 2q1/2 is the off-axis angle where the luminous intensity is 1/2 the on-axis intensity.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com