Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLMP-CB11-R0DDD Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HLMP-CB11-R0DDD
Description  T-1 3/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-CB11-R0DDD Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HLMP-CB11-R0DDD Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-CB11-R0DDD Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-CB11-R0DDD Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-CB11-R0DDD Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-CB11-R0DDD Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-CB11-R0DDD Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-CB11-R0DDD Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-CB11-R0DDD Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-CB11-R0DDD Datasheet HTML 9Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Absolute Maximum Rating at TA = 25°C
Parameters
Value
Unit
DC Forward Current [1]
30
mA
Peak Pulsed Forward Current[3]
100
mA
Average Forward Current
30
mA
Power Dissipation
120
mW
LED Junction Temperature
110
°C
Operating Temperature Range
–40 to +85
°C
Storage Temperature Range
–40 to +100
°C
Wave Soldering Temperature[2]
250 for 3 secs
°C
Notes:
1. Derate linearly as shown in Figure 2.
2. 1.59 mm (0.060 inch) below body.
3. Duty factor 10%, frequency 1 KHz.
Electrical/Optical Characteristics
TA = 25oC
Blue
Green
Cyan
Parameters
Symbol
Min. Typ. Max.
Min. Typ. Max.
Min. Typ. Max.
Units
Test Condition
Forward Voltage
VF
3.5
4.0
3.6
4.0
3.5
4.0
V
IF = 20 mA
Reverse Voltage[1]
VR
5.0
5.0
5.0
V
IR = 10 µA
Thermal Resistance
RqJ-PIN
240
240
240
oC/W LED Junction to
Anode Lead
Dominant
ld
460
470 480
520
525 540
490 505 510
nm
IF = 20 mA
Wavelength[2]
Peak Wavelength
lPEAK
464
516
501
nm
Peak of Wavelength
of Spectral Distribu-
tion at IF = 20 mA
Spectral Half Width
Dl1/2
23
32
30
nm
Wavelength Width
at Spectral Distribu-
tion Power Point
at IF = 20 mA
Luminous Efficacy[3]
hv
74
484
319
lm/W Emitted Luminous
Power/Emitted
Radiant Power
Notes:
1. The reverse voltage of the product is equivalent to the forward voltage of the protective chip at IR = 10 µA.
2. The dominant wavelength, ld, is derived from the Chromaticity Diagram and represents the color of the lamp.
3. The radiant intensity, Ie in watts/steradian, may be found from the equation Ie = Iv/hv, where Iv is the luminous intensity in candelas and hv is the
luminous efficacy in lumens/watt.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com