Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLMP-CB11-R0DDD Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HLMP-CB11-R0DDD
Description  T-1 3/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-CB11-R0DDD Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HLMP-CB11-R0DDD Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-CB11-R0DDD Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-CB11-R0DDD Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-CB11-R0DDD Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-CB11-R0DDD Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-CB11-R0DDD Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-CB11-R0DDD Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-CB11-R0DDD Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-CB11-R0DDD Datasheet HTML 9Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Agilent HLMP-Cxxx
T-13/4 (5 mm) Extra Bright Precision
Optical Performance InGaN LED Lamps
Data Sheet
Description
These high intensity blue and
green LEDs are based on the
most efficient and cost effective
InGaN material technology. The
470 nm typical dominant wave–
length for blue and 525 nm
typical wavelength for green is
well suited to color mixing in
full color signs. The 505 nm
typical dominant wavelength for
cyan is suitable for traffic signal
application.
These LED lamps are untinted,
non-diffused, T-13/4 packages
Features
• Well defined spatial radiation
pattern
• High luminous output
• Available in blue, green, and cyan
color
• Viewing angle: 15°, 23° and 30°
• Standoff or non-standoff leads
• Superior resistance to moisture
Applications
• Traffic signals
• Commercial outdoor advertising
• Front panel backlighting
• Front panel indicator
incorporating second generation
optics which produce well-defined
spatial radiation patterns at
specific viewing cone angles.
These lamps are made with an
advanced optical grade epoxy,
offering superior temperature
and moisture resistance in
outdoor signal and sign
applications. The high maximum
LED junction temperature limit
of +110°C enables high
temperature operation in bright
sunlight conditions.
HLMP-CB11, HLMP-CB12, HLMP-CM11, HLMP-CM12, HLMP-CE11,
HLMP-CE12, HLMP-CB26, HLMP-CB27, HLMP-CM26, HLMP-CM27,
HLMP-CE26, HLMP-CE27, HLMP-CB36, HLMP-CB37, HLMP-CM36,
HLMP-CM37, HLMP-CE36, HLMP-CE37
CAUTION: Devices are Class I ESD sensitive. Please observe appropriate precautions during
handling and processing. Refer to Application Note AN-1142 for additional details.


Similar Part No. - HLMP-CB11-R0DDD

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CB11-TW000 AVAGO-HLMP-CB11-TW000 Datasheet
237Kb / 11P
T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CB11-TW0DD AVAGO-HLMP-CB11-TW0DD Datasheet
237Kb / 11P
T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CB11-TW0XX AVAGO-HLMP-CB11-TW0XX Datasheet
379Kb / 10P
T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CB11-UVAXX AVAGO-HLMP-CB11-UVAXX Datasheet
379Kb / 10P
T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CB11-UVB00 AVAGO-HLMP-CB11-UVB00 Datasheet
237Kb / 11P
T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
More results

Similar Description - HLMP-CB11-R0DDD

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-CE23 HP-HLMP-CE23 Datasheet
158Kb / 6P
T-1 3/4 (5 mm) Precision Optical Performance InGaN Bluish-Green LED Lamps
HLMP-CWXX HP-HLMP-CWXX Datasheet
81Kb / 6P
T-1 3/4 (5mm) Extra Bright Precision Optical Performance Precision Optical Performance
HLMP-EL55 HP-HLMP-EL55 Datasheet
688Kb / 6P
T-1 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-DLXX HP-HLMP-DLXX Datasheet
129Kb / 8P
T-1 - 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HB55 AVAGO-HLMP-HB55 Datasheet
101Kb / 12P
5 mm Precision Optical Performance InGaN Oval LED Lamps
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
379Kb / 10P
T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CW46 AVAGO-HLMP-CW46 Datasheet
94Kb / 8P
T-1 쩐 (5mm) Extra Bright Precision Optical Performance White LED Lamps.
HLMP-CB11 AVAGO-HLMP-CB11_08 Datasheet
237Kb / 11P
T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-CE15 HP-HLMP-CE15 Datasheet
237Kb / 7P
T-1 3/4 (5 mm) Precision Optical Performance InGaN Bluish-Green LED Lamps
logo
Broadcom Corporation.
HLMP-EL55 BOARDCOM-HLMP-EL55 Datasheet
583Kb / 13P
T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
July 16, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com